전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si1146-M01-GMR 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 Si1146-M01-GMR
상세설명  Integrated infrared proximity detector
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1146-M01-GMR 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button Si1146-M01-GMR Datasheet HTML 7Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 8Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 9Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 10Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 11Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 12Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 13Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 14Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Si1145/46/47-M01
Rev. 1.0
11
Table 5. Absolute Maximum Ratings*
Parameter
Test Condition
Min
Max
Unit
VDD Supply Voltage
–0.3
4
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
LED1, LED2, LED3 Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
LEDA Voltage
–0.5
4.3
V
INT, SCL, SDA Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
Maximum Total Current Through LED1, LED2,
LED3 and LEDA
500
mA
Maximum Total Current Through GND
600
mA
Forward DC Current Through LEDA
TA = 25 °C
70
mA
ESD Rating
Human Body Model
2
kV
Machine Model
225
V
Charged-Device Model
2
kV
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded.


유사한 부품 번호 - Si1146-M01-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
More results

유사한 설명 - Si1146-M01-GMR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com