전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM285DE4-1-2 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM285DE4-1-2
상세설명  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM285DE4-1-2 데이터시트(HTML) 1 Page - Texas Instruments

  LM285DE4-1-2 Datasheet HTML 1Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 2Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 3Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 4Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 5Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 6Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 7Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 8Page - Texas Instruments LM285DE4-1-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM285-1.2, LM385-1.2, LM385B-1.2
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
LMx85-1.2, LM385B-1.2 Micropower Voltage References
1 Features
3 Description
These micropower, two-terminal, band-gap voltage
1
Operating Current Range
references operate over a 10-
μA to 20-mA current
LM285-1.2: 10
μA to 20 mA
range
and
feature
exceptionally
low
dynamic
LM385-1.2: 15
μA to 20 mA
impedance and good temperature stability. On-chip
trimming provides tight voltage tolerance. The band-
LM385B-1.2: 15
μA to 20 mA
gap reference for these devices has low noise and
1% and 2% Initial Voltage Tolerance
long-term stability.
Reference Impedance
The
design
makes
these
devices
exceptionally
LM385-1.2: 1
Ω MAX at 25°C
tolerant of capacitive loading and, thus, easier to use
All devices: 1.5
Ω MAX over Full
in most reference applications. The wide dynamic
Temperature Range
operating temperature range accommodates varying
current supplies, with excellent regulation.
Very Low Power Consumption
Interchangeable with Industry Standard
The extremely low power drain of this series makes
them useful for micropower circuitry. These voltage
LM285-1.2 and LM385-1.2
references can be used to make portable meters,
regulators, or general-purpose analog circuitry, with
2 Applications
battery life approaching shelf life. The wide operating
Portable Meter References
current range allows them to replace older references
with tighter-tolerance parts.
Portable Test Instruments
Battery-Operated Systems
Device Information(1)
Current-Loop Instrumentation
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Panel Meters
SOIC (8)
4.90 mm × 3.91 mm
SOP (8)
6.20 mm × 5.30 mm
LMx85-1.2
TSSOP (8)
3.00 mm × 4.40 mm
TO-226 (3)
4.30 mm × 4.30 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM285DE4-1-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM285DE4-1-2 TI1-LM285DE4-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

유사한 설명 - LM285DE4-1-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com