전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5776 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN5776
상세설명  Synchronous Boost and Series / Parallel 10-LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5776 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN5776 Datasheet HTML 1Page - Fairchild Semiconductor FAN5776 Datasheet HTML 2Page - Fairchild Semiconductor FAN5776 Datasheet HTML 3Page - Fairchild Semiconductor FAN5776 Datasheet HTML 4Page - Fairchild Semiconductor FAN5776 Datasheet HTML 5Page - Fairchild Semiconductor FAN5776 Datasheet HTML 6Page - Fairchild Semiconductor FAN5776 Datasheet HTML 7Page - Fairchild Semiconductor FAN5776 Datasheet HTML 8Page - Fairchild Semiconductor FAN5776 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2013
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5776
• Rev. 1.1.0
FAN5776
Synchronous Boost and Series / Parallel 10-LED Driver
Features
Synchronous Current-Mode Boost Converter
Drives up to 10 LEDs at 25 mA Each in a Configuration of
5 Strings of 2 LEDs in Series
5 LED Outputs: High-Side Current Sources
Two Default Groups of 3x2-LED Channels and 2x2-LED
Channels with Individual Enable and PWM Dimming
Control to Support Various Lighting Applications, such as:
o Backlighting of Dual-LCD Displays, LCD Display Plus
Keypad Illumination
Boost PFM Mode Maximizes Efficiency Under Light Loads
2.3 V to 5.5 V Input Voltage Range
1.8 MHz Switching Frequency
Input Under-Voltage Lockout (UVLO)
Output Over-Voltage Protection (OVP)
Short-Circuit and Thermal Shutdown (TSD) Protection
12-Bump, 0.4 mm Pitch, 1.42 x 1.66 x 0.50 mm WLCSP
Applications
Mid-and Large-Size LCD Modules
Cellular Mobile Handsets, Smart Phones
Smartbooks, Netbooks, MIDs
Pocket PCs
WLAN DC-DC Converter Modules
PDA, DSC, PMP, and MP3 Players
Description
The FAN5776 is a synchronous, constant-current LED driver
capable of efficiently driving up to ten LEDs in a five-string,
two-series LEDs per string configuration. Optimized for small
form-factor applications, the 1.8 MHz switching frequency
allows the use of tiny chip inductors and capacitors.
For safety, the device features integrated over-voltage, short-
circuit, and thermal shutdown protections. In addition, input
under-voltage lockout protection is triggered if the battery
voltage is too low.
The FAN5776 is comprised of low-dropout, high-side current
sources, enabling a high efficiency delivery of power from the
battery to the LEDs. The LED current control is established
with a series RSET resistor, which is connected between the
internal voltage reference on the chip and ground.
During operation,
FAN5776 holds the boost regulator’s voltage
on COUT during the off cycle of the PWM dimming, which helps
minimize audible noise.
The FAN5776 is available in a very low profile, small-form-
factors 1.42 x 1.66 x 0.50 mm, 12-bump WLCSP package that
is
“green” and RoHS compliant.
Ordering Information
Part Number
Temperature
Range
Package
Packing
FAN5776UCX
-40 to 85°C
12-Bump, Wafer-Level Chip-Scale Package (WLCSP)
1.42 x 1.66 x 0.50 mm, 0.40 mm Pitch
Tape and Reel


유사한 부품 번호 - FAN5776

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

유사한 설명 - FAN5776

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com