전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3241TMX 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN3241TMX
상세설명  Smart Dual-Coil Relay Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3241TMX 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3241TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 10Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 11Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 12Page - Fairchild Semiconductor FAN3241TMX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
9
Typical Performance Characteristics
Typical characteristics are provided at TA = 25°C and VS = 40 V unless otherwise noted.
Figure 11. RDS(ON) vs. Temperature
Figure 12. Base Timer % Change vs. Temperature
Figure 13. FAN3240 Qualification Time
vs. Temperature
Figure 14. FAN3240 Max. Pulse vs. Temperature
Figure 15. FAN3241 Qualification Time
vs. Temperature
Figure 16. FAN3241 Max. Pulse vs. Temperature


유사한 부품 번호 - FAN3241TMX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3241TMX FAIRCHILD-FAN3241TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
ON Semiconductor
FAN3241TMX ONSEMI-FAN3241TMX Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
More results

유사한 설명 - FAN3241TMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com