전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54300UCX 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN54300UCX
상세설명  USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54300UCX 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN54300UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 12Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 13Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 14Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54300
• Rev. 1.0.4
11
Electrical Specifications (Continued)
Unless otherwise specified: circuit of Figure 1, recommended operating temperature range for TJ and TA, VBUS or VIN = 5.0 V,
HZ1, HZ2, OPA_MODE = 0, (Charger Mode). SCL, SDA, OTG = 0 or 1.8 V. Typical values are for TJ = 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Protection and Timers
VBUSOVP
VBUS Over-Voltage Shutdown
VBUS Rising
6.12
6.31
6.50
V
Hysteresis
VBUS Falling
100
mV
VINOVP
VIN Over-Voltage Shutdown
VIN Rising
9.5
10.0
10.5
V
Hysteresis
VIN Falling
100
mV
VSHORT
Battery Short-Circuit Threshold
VBAT Rising
2.00
2.05
2.10
V
Hysteresis
VBAT Falling
100
ISHORT
Short-Circuit Current
VBAT < VSHORT
30
40
50
mA
TSHUTDWN
Thermal Shutdown Threshold
(4)
TJ Rising
165
°C
Hysteresis
(4)
TJ Falling
10
TCF
Thermal Regulation Threshold
(4)
Charge Current Reduction Begins
120
°C
tINT
Detection Interval
2.1
s
t32SEC
32-Second Timer
(5)
32-Second Mode
21.0
31.5
s
t15MIN
15-Minute Timer
15-Minute Mode
12.0
13.5
15.0
min
∆tLF
Low Frequency Timer Accuracy
Charger Inactive
–25
25
%
Notes:
2.
Refers to negative inductor current. At lower battery charging current, of about 20 mA, non-synchronous switching
operation commences.
3.
Q2 and Q6 always turn on for »60 ns and then turn off if the current is below ISYNC.
4.
Guaranteed by design.
5.
This tolerance applies to all timers on the IC, including soft-start and deglitching timers.


유사한 부품 번호 - FAN54300UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN5400 FAIRCHILD-FAN5400 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
FAN54005UCX ONSEMI-FAN54005UCX Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FAN5400UCX FAIRCHILD-FAN5400UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

유사한 설명 - FAN54300UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Texas Instruments
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com