전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD10N20LZ 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDD10N20LZ
상세설명  Uninterruptible Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD10N20LZ 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDD10N20LZ Datasheet HTML 1Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 2Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 3Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 4Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 5Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 6Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 7Page - Fairchild Semiconductor FDD10N20LZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD10N20LZ Rev. C1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
20
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 10V
7V
5V
4.5V
4V
3.5V
23
45
6
0.1
1
10
30
-55
oC
150
oC
* Notes :
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0
5
10
15
20
25
0.2
0.4
0.6
0.8
1.0
* Note : TJ = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.4
0.8
1.2
1.6
1
10
150
oC
Notes:
1. V
GS = 0V
2. 250μs Pulse Test
50
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
1
10
100
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
* Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
0369
12
0
2
4
6
8
10
* Note : ID = 7.6A
VDS = 50V
VDS = 100V
VDS = 160V
Qg, Total Gate Charge [nC]


유사한 부품 번호 - FDD10N20LZ

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD10N20LZ ISC-FDD10N20LZ Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD10N20LZ

제조업체부품명데이터시트상세설명
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com