전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUA6030 데이터시트(PDF) 20 Page - Infineon Technologies AG

부품명 TUA6030
상세설명  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 데이터시트(HTML) 20 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 16Page - Infineon Technologies AG TUA6030 Datasheet HTML 17Page - Infineon Technologies AG TUA6030 Datasheet HTML 18Page - Infineon Technologies AG TUA6030 Datasheet HTML 19Page - Infineon Technologies AG TUA6030 Datasheet HTML 20Page - Infineon Technologies AG TUA6030 Datasheet HTML 21Page - Infineon Technologies AG TUA6030 Datasheet HTML 22Page - Infineon Technologies AG TUA6030 Datasheet HTML 23Page - Infineon Technologies AG TUA6030 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Functional Description
3 - 20
TUA6030, TUA6032
Wireless Components
Specification, July 2001
3.4
Circuit Description
3.4.1
Mixer-Oscillator block
The mixer-oscillator block includes three balanced mixers (one mixer with an
unbalanced high-impedance input and two mixers with a balanced low-imped-
ance input), two 2-pin asymmetrical oscillators for the LOW and the MID band,
one 4-pin symmetrical oscillator for the HIGH band, an IF amplifier, a reference
voltage, and a band switch.
Filters between tuner input and IC separate the TV frequency signals into three
bands. The band switching in the tuner front-end is done by using three PNP
port outputs. In the selected band the signal passes a tuner input stage with a
MOSFET amplifier, a double-tuned bandpass filter and is then fed to the mixer
input of the IC which has in case of LOW band a high-impedance input and in
case of MID or HIGH band a low-impedance input. The input signal is mixed
there with the signal from the activated on chip oscillator to the IF frequency
which is filtered out at the balanced mixer output pair by means of a parallel
tuned circuit. The following IF amplifier is capacitively coupled to the mixer out-
puts and has a low output impedance to drive the SAW filter directly.
3.4.2
PLL block
The oscillator signal is internally DC-coupled as a differential signal to the pro-
grammable divider inputs. The signal subsequently passes through a program-
mable divider with ratio N = 256 through 32767 and is then compared in a digital
frequency/phase detector with a reference frequency fref = 31.25, 50, 62.5 or
166.7 kHz. This frequency is derived from an unbalanced, low-impedance 4
MHz crystal oscillator (pin XTAL) divided by 128, 80,64 or 24. The reference fre-
quencies will be different with a quartz other than 4 MHz.
The phase detector has two outputs which drive two current sources of a charge
pump. If the negative edge of the divided VCO signal appears prior to the neg-
ative edge of the reference signal, the positive current source pulses for the
duration of the phase difference. In the reverse case the negative current
source pulses. If the two signals are in phase, the charge pump output (CP)
goes into the high-impedance state (PLL is locked). An active low-pass filter
integrates the current pulses to generate the tuning voltage for the VCO (inter-
nal amplifier, external pull-up resistor at VT and external RC circuitry). The
charge pump output is also switched into the high-impedance state if the control
bits T2, T1,T0 = 0, 1, 0. Here it should be noted, however, that the tuning volt-
age can alter over a long period in the high impedance state as a result of self
discharge in the peripheral circuity. VT may be switched off by the control bit OS
to allow external adjustments.
If the VCO is not oscillating the PLL locks to a tuning voltage of 33V (VTH).


유사한 부품 번호 - TUA6030

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

유사한 설명 - TUA6030

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com