전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3110D2 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3110D2
상세설명  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 6Page - Texas Instruments TPA3110D2 Datasheet HTML 7Page - Texas Instruments TPA3110D2 Datasheet HTML 8Page - Texas Instruments TPA3110D2 Datasheet HTML 9Page - Texas Instruments TPA3110D2 Datasheet HTML 10Page - Texas Instruments TPA3110D2 Datasheet HTML 11Page - Texas Instruments TPA3110D2 Datasheet HTML 12Page - Texas Instruments TPA3110D2 Datasheet HTML 13Page - Texas Instruments TPA3110D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G034
VCC = 12 V
Gain = 20 dB
LC Filter = 22 µH + 0.68 µF
RL = 4
PO(Tot) − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
5
10
15
20
25
30
35
40
G021
VCC = 12 V
VCC = 18 V
VCC = 24 V
Gain = 20 dB
ZL = 8
+ 66 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G033
VCC = 12 V
VCC = 18 V
Gain = 20 dB
LC Filter = 22 µH + 0.68 µF
RL = 6
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
G020
VCC = 12 V
Gain = 20 dB
ZL = 4
+ 33 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G032
VCC = 12 V
VCC = 18 V
VCC = 24 V
Gain = 20 dB
LC Filter = 22 µH + 0.68 µF
RL = 8
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G019
VCC = 12 V
VCC = 18 V
Gain = 20 dB
ZL = 6
+ 47 µH
TPA3110D2
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at www.ti.com.
SPACE
Note: Dashed Lines represent thermally limited regions.
Figure 19. Efficiency vs Output Power (BTL With LC Filter)
Figure 20. Efficiency vs Output Power (BTL)
Figure 21. Efficiency vs Output Power (BTL With LC Filter)
Figure 22. Efficiency vs Output Power (BTL)
SPACE
Note: Dashed Lines represent thermally limited regions.
Figure 23. Efficiency vs Output Power (BTL With LC Filter)
Figure 24. Supply Current vs Total Output Power (BTL)
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA3110D2


유사한 부품 번호 - TPA3110D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

유사한 설명 - TPA3110D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com