전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3251D2 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPA3251D2
상세설명  175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3251D2 데이터시트(HTML) 5 Page - Texas Instruments

  TPA3251D2 Datasheet HTML 1Page - Texas Instruments TPA3251D2 Datasheet HTML 2Page - Texas Instruments TPA3251D2 Datasheet HTML 3Page - Texas Instruments TPA3251D2 Datasheet HTML 4Page - Texas Instruments TPA3251D2 Datasheet HTML 5Page - Texas Instruments TPA3251D2 Datasheet HTML 6Page - Texas Instruments TPA3251D2 Datasheet HTML 7Page - Texas Instruments TPA3251D2 Datasheet HTML 8Page - Texas Instruments TPA3251D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TPA3251D2
www.ti.com
SLASE40C – JUNE 2015 – REVISED JUNE 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
BST_X to GVDD_X(2)
–0.3
50
V
VDD to GND
–0.3
13.2
V
GVDD_X to GND(2)
–0.3
13.2
V
Supply voltage
PVDD_X to GND(2)
–0.3
50
V
DVDD to GND
–0.3
4.2
V
AVDD to GND
–0.3
8.5
V
VBG to GND
-0.3
4.2
V
OUT_X to GND(2)
–0.3
50
V
BST_X to GND(2)
–0.3
62.5
V
OC_ADJ, M1, M2, OSC_IOP, OSC_IOM, FREQ_ADJ, C_START, to GND
–0.3
4.2
V
Interface pins
RESET, FAULT, CLIP_OTW, CLIP to GND
–0.3
4.2
V
INPUT_X to GND
–0.3
7
V
Continuous sink current, RESET, FAULT, CLIP_OTW, CLIP, RESET to
9
mA
GND
TJ
Operating junction temperature range
0
150
°C
Tstg
Storage temperature range
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represents the DC voltage + peak AC waveform measured at the terminal of the device in all conditions.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2000
V
pins (1)
VESD
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
±500
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA3251D2


유사한 부품 번호 - TPA3251D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3251D2DDV TI1-TPA3251D2DDV Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDVR TI1-TPA3251D2DDVR Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
More results

유사한 설명 - TPA3251D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
[Old version datasheet]   175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS3251 TI-TAS3251_V01 Datasheet
2Mb / 122P
[Old version datasheet]   TAS3251 175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com