전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3251D2 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA3251D2
상세설명  175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3251D2 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA3251D2 Datasheet HTML 4Page - Texas Instruments TPA3251D2 Datasheet HTML 5Page - Texas Instruments TPA3251D2 Datasheet HTML 6Page - Texas Instruments TPA3251D2 Datasheet HTML 7Page - Texas Instruments TPA3251D2 Datasheet HTML 8Page - Texas Instruments TPA3251D2 Datasheet HTML 9Page - Texas Instruments TPA3251D2 Datasheet HTML 10Page - Texas Instruments TPA3251D2 Datasheet HTML 11Page - Texas Instruments TPA3251D2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TPA3251D2
SLASE40C – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
PVDD_X = 36 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 600 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
M1, M2, OSC_IOP, OSC_IOM, RESET
VIL
Low level input voltage
0.8
V
Ilkg
Input leakage current
100
μA
OTW/SHUTDOWN (FAULT)
Internal pullup resistance, CLIP_OTW to
RINT_PU
20
26
32
k
DVDD, FAULT to DVDD
VOH
High level output voltage
Internal pullup resistor
3
3.3
3.6
V
VOL
Low level output voltage
IO = 4 mA
200
500
mV
Device fanout
CLIP_OTW, FAULT
No external pullup
30
devices
7.6 Audio Characteristics (BTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1 kHz, PVDD_X = 36 V,
GVDD_X = 12 V, RL = 4 Ω, fS = 600 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, mode = 00,
AES17 + AUX-0025 measurement filters,unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 3 Ω, 10% THD+N
220
RL = 4 Ω, 10% THD+N
175
PO
Power output per channel
W
RL = 3 Ω, 1% THD+N
175
RL = 4 Ω, 1% THD+N
140
THD+N
Total harmonic distortion + noise
1 W
0.005%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
60
μV
Grounded
|VOS|
Output offset voltage
Inputs AC coupled to GND
20
60
mV
SNR
Signal-to-noise ratio(1)
111
dB
DNR
Dynamic range
115
dB
Pidle
Power dissipation due to Idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
1
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3251D2


유사한 부품 번호 - TPA3251D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3251D2DDV TI1-TPA3251D2DDV Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDVR TI1-TPA3251D2DDVR Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
More results

유사한 설명 - TPA3251D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
[Old version datasheet]   175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS3251 TI-TAS3251_V01 Datasheet
2Mb / 122P
[Old version datasheet]   TAS3251 175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com