전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6130A2RTJRG4 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6130A2RTJRG4
상세설명  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJRG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA6130A2RTJRG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 12Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 13Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
20
100
1k
10k
20k
f - Frequency - Hz
P
= 200 mW
O
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 100 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 25 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 100 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 70 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 35 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 50 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 70 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 1 mW
O
P
= 4 mW
O
1
0.01
0.1
0.001
P
= 20 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 40 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 20 mW
O
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
RL = 32 Ω
VDD = 2.5 V
Gain = 0.1 dB
RL = 32 Ω
VDD = 3 V
Gain = 0.1 dB
Stereo
Stereo
Figure 13. Total Harmonic Distortion + Noise vs Frequency
Figure 14. Total Harmonic Distortion + Noise vs Frequency
RL = 32 Ω
VDD = 3.6 V
Gain = 0.1 dB
RL = 32 Ω
VDD = 5 V
Gain = 0.1 dB
Stereo
Stereo
Figure 15. Total Harmonic Distortion + Noise vs Frequency
Figure 16. Total Harmonic Distortion + Noise vs Frequency
RL = 16 Ω
VDD = 2.5 V
Gain = 6.1 dB
RL = 16 Ω
VDD = 3.6 V
Gain = 6.1 dB
BTL
BTL
Figure 17. Total Harmonic Distortion + Noise vs Frequency
Figure 18. Total Harmonic Distortion + Noise vs Frequency
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


유사한 부품 번호 - TPA6130A2RTJRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6130A2RTJRG4 TI-TPA6130A2RTJRG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJRG4 TI1-TPA6130A2RTJRG4 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

유사한 설명 - TPA6130A2RTJRG4

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com