전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6166A2 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6166A2
상세설명  3.5-mm Jack Detect and Headset Interface IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6166A2 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA6166A2 Datasheet HTML 4Page - Texas Instruments TPA6166A2 Datasheet HTML 5Page - Texas Instruments TPA6166A2 Datasheet HTML 6Page - Texas Instruments TPA6166A2 Datasheet HTML 7Page - Texas Instruments TPA6166A2 Datasheet HTML 8Page - Texas Instruments TPA6166A2 Datasheet HTML 9Page - Texas Instruments TPA6166A2 Datasheet HTML 10Page - Texas Instruments TPA6166A2 Datasheet HTML 11Page - Texas Instruments TPA6166A2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
SCL
SDA
t
h2
t
(buf)
t
su2
t
su3
Start
Condition
Stop
Condition
T0028-01
SCL
SDA
t
w(H)
t
w(L)
t
su1
t
h1
T0027-02
TPA6166A2
SLAS997B – MARCH 2014 – REVISED JANUARY 2015
www.ti.com
6.8 Timing Requirements
For I
2C interface signals and voltage power-up sequence, over recommended operating conditions (unless otherwise noted).
Timing is specified by design.
MIN
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
μs
tw(L)
Pulse duration, SCL low
1.3
μs
tsu1
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
μs
tsu2
Setup time, SCL to start condition
0.6
μs
th2
Hold time, start condition to SCL
0.6
μs
tsu3
Setup time, SCL to stop condition
0.6
μs
tSP
Pulse width of surpressed spike
0
50
ns
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions Timing
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPA6166A2


유사한 부품 번호 - TPA6166A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
More results

유사한 설명 - TPA6166A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com