전자부품 데이터시트 검색엔진 |
|
BAR64-07 데이터시트(PDF) 1 Page - Infineon Technologies AG |
|
BAR64-07 데이터시트(HTML) 1 Page - Infineon Technologies AG |
1 / 9 page Feb-14-2003 1 BAR64... Silicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz up to 6 GHz Very low capacitance at zero volt reverse bias at frequencies above 1 GHz (typ. 0.17 pF) Low forward resistance (typ. 2.1 @ 10 mA) Very low signal distortion BAR64-02L BAR64-02V BAR64-03W BAR64-07 BAR64-04 BAR64-04T BAR64-04W BAR64-06 BAR64-06W BAR64-05 BAR64-05W 1 2 1 D2 2 3 4 D1 3 1 D2 2 D1 3 1 D2 2 D1 3 1 D2 2 D1 Type Package Configuration LS(nH) Marking BAR64-02L * BAR64-02V BAR64-03W BAR64-04 BAR64-04T BAR64-04W BAR64-05 BAR64-05W BAR64-06 BAR64-06W BAR64-07 TSLP-2-1 SC79 SOD323 SOT23 SC75 SOT323 SOT23 SOT323 SOT23 SOD323 SOT143 single, leadless single single series series series common cathode common cathode common anode common anode parallel pair 0.4 0.6 1.8 1.8 1.2 1.4 1.8 1.4 1.8 1.4 2 MM O 2 blue PPs PPs PPs PRs PRs PSs PSs PTs * Preliminary Data |
유사한 부품 번호 - BAR64-07 |
|
유사한 설명 - BAR64-07 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |