전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT14-03W 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 BAT14-03W
상세설명  Silicon Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT14-03W 데이터시트(HTML) 3 Page - Infineon Technologies AG

  BAT14-03W Datasheet HTML 1Page - Infineon Technologies AG BAT14-03W Datasheet HTML 2Page - Infineon Technologies AG BAT14-03W Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb-03-2003
3
BAT14...
Diode capacitance CT = (VR)
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
pF
0.5
Reverse current IR = (VR)
TA = Parameter
1
1.5
2
2.5
3
3.5
4
4.5
V
5.5
VR
-3
10
-2
10
-1
10
0
10
1
10
µA
TA =125°C
TA =85°C
TA =25°C
Forward current IF =  (VF)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 V
1
VF
-2
10
-1
10
0
10
1
10
2
10
mA
-40°C
25°C
85°C
125°C


유사한 부품 번호 - BAT14-03W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
logo
Guangdong Kexin Industr...
BAT14-03W KEXIN-BAT14-03W Datasheet
34Kb / 1P
   Silicon Schottky Diode
More results

유사한 설명 - BAT14-03W

제조업체부품명데이터시트상세설명
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com