전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT64-05 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAT64-05
상세설명  Silicon Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64-05 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAT64-05 Datasheet HTML 1Page - Infineon Technologies AG BAT64-05 Datasheet HTML 2Page - Infineon Technologies AG BAT64-05 Datasheet HTML 3Page - Infineon Technologies AG BAT64-05 Datasheet HTML 4Page - Infineon Technologies AG BAT64-05 Datasheet HTML 5Page - Infineon Technologies AG BAT64-05 Datasheet HTML 6Page - Infineon Technologies AG BAT64-05 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mar-10-2004
1
BAT64...
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping application
• Integrated diffused guard ring
• Low forward voltage
BAT64
BAT64-06
BAT64-06W
BAT64-02V
BAT64-02W
BAT64-05
BAT64-05W
BAT64-04
BAT64-04W
3
1
2
3
1
D 2
2
D 1
3
1
D 2
2
D 1
1
2
3
1
D 2
2
D 1
BAT64-07
1
D 2
2
3
4
D 1
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAT64
BAT64-02V*
BAT64-02W
BAT64-04
BAT64-04W
BAT64-05
BAT64-05W
BAT64-06
BAT64-06W
BAT64-07
SOT23
SC79
SCD80
SOT 23
SOT323
SOT23
SOT323
SOT23
SOT323
SOT143
single
single
single
series
series
common cathode
common cathode
common anode
common anode
parallel pair
1.8
0.6
0.6
1.8
1.4
1.8
1.4
1.8
1.4
2
63s
t
64
64s
64s
65s
65s
66s
66s
67s
* Preliminary data


유사한 부품 번호 - BAT64-05

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT64-05 SIEMENS-BAT64-05 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Continental Device Indi...
BAT64-05 CDIL-BAT64-05 Datasheet
139Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64-05 KEXIN-BAT64-05 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-05 INFINEON-BAT64-05 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT64-05 INFINEON-BAT64-05 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results

유사한 설명 - BAT64-05

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com