전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD-HSB(X)-7 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 AD-HSB(X)-7
상세설명  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AD-HSB(X)-7 데이터시트(HTML) 4 Page - Diodes Incorporated

  AD-HSB(X)-7 Datasheet HTML 1Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 2Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 3Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 4Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 5Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 6Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 7Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 8Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
4 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Absolute Maximum Ratings (Notes 5 & 6)
Symbol
Parameter
Ratings
Unit
VDS
Supply Voltage (Between VDD and VSS)
-0.3 to 12
V
VDM
Charge Input Voltage
(Between VDD and VM for Protection Chip)
-0.3 to 24
V
VDSS
MOSFET Drain-to-Source Voltage
24
V
VGSS
MOSFET Gate-to-Source Voltage
±12
V
ID
Continuous Drain Current, VGS = 4.5V, TA = +25°C
9.0
A
Continuous Drain Current, VGS = 4.5V, TA = +70°C
7.1
A
PD
Power Dissipation
1000
mW
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6. Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board with 2-
ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDS
Supply Voltage (Between VDD and VSS)
1.5
5.5
V
VDM
Charge Input Voltage (Between VDD and VM)
-0.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
ºC


유사한 부품 번호 - AD-HSB(X)-7

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
List of Unclassifed Man...
AD-011M ETC1-AD-011M Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
AD-018 ETC1-AD-018 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
List of Unclassifed Man...
AD-049 ETC1-AD-049 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
More results

유사한 설명 - AD-HSB(X)-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com