전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BC807W 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BC807W
상세설명  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807W 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BC807W Datasheet HTML 1Page - Infineon Technologies AG BC807W Datasheet HTML 2Page - Infineon Technologies AG BC807W Datasheet HTML 3Page - Infineon Technologies AG BC807W Datasheet HTML 4Page - Infineon Technologies AG BC807W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC807W, BC808W
Nov-29-2001
4
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Collector cutoff current ICBO = f(TA)
VCB = 25V
0
10
EHP00213
A
T
150
0
5
10
Ι
CBO
nA
50
100
1
10
2
10
4
10
˚C
typ
max
103


유사한 부품 번호 - BC807W

제조업체부품명데이터시트상세설명
NXP Semiconductors
NXP Semiconductors
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
228Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
Diotec Semiconductor
Diotec Semiconductor
BC807W DIOTEC-BC807W Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
Foshan Blue Rocket Electronics Co.,Ltd.
Foshan Blue Rocket Elec...
BC807W FOSHAN-BC807W Datasheet
842Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
155Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

유사한 설명 - BC807W

제조업체부품명데이터시트상세설명
Infineon Technologies AG
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
Siemens Semiconductor Group
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com