전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC808-16 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 BC808-16
상세설명  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC808-16 데이터시트(HTML) 5 Page - Infineon Technologies AG

  BC808-16 Datasheet HTML 1Page - Infineon Technologies AG BC808-16 Datasheet HTML 2Page - Infineon Technologies AG BC808-16 Datasheet HTML 3Page - Infineon Technologies AG BC808-16 Datasheet HTML 4Page - Infineon Technologies AG BC808-16 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC807, BC808
5
Nov-29-2001
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
10
EHP00215
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
-50
25
150 ˚C
˚C
˚C
Base-emitter saturation voltage
IC = f(VBEsat), hFE = 10
0
10
EHP00214
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
˚C
-50
25 ˚C
˚C
150
DC current gain hFE = f(IC)
VCE = 1V
10
EHP00216
-1
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
˚C
100
5
25 ˚C
-50 ˚C


유사한 부품 번호 - BC808-16

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC808-16 SIEMENS-BC808-16 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Shenzhen Luguang Electr...
BC808-16 LUGUANG-BC808-16 Datasheet
1Mb / 2P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC808-16 FAIRCHILD-BC808-16 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Diotec Semiconductor
BC808-16 DIOTEC-BC808-16 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
More results

유사한 설명 - BC808-16

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com