전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC818-16W 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BC818-16W
상세설명  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC818-16W 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BC818-16W Datasheet HTML 1Page - Infineon Technologies AG BC818-16W Datasheet HTML 2Page - Infineon Technologies AG BC818-16W Datasheet HTML 3Page - Infineon Technologies AG BC818-16W Datasheet HTML 4Page - Infineon Technologies AG BC818-16W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC817W, BC818W
2
Nov-29-2001
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BC817W
BC818W
V(BR)CEO
45
25
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
BC817W
BC818W
V(BR)CBO
50
30
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 25 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 25 V, IE = 0 , TA = 150 °C
ICBO
-
-
50
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 100 mA, VCE = 1 V
hFE-grp.16
hFE-grp.25
hFE-grp.40
hFE
100
160
250
160
250
350
250
400
630
-
DC current gain 1)
IC = 300 mA, VCE = 1 V
hFE-grp.16
hFE-grp.25
hFE-grp.40
hFE
60
100
170
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.7
V
Base-emitter saturation voltage 1)
IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.2
1) Pulse test: t
≤ 300µs, D = 2%


유사한 부품 번호 - BC818-16W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC818-16W PHILIPS-BC818-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC818-16W SIEMENS-BC818-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Infineon Technologies A...
BC818-16W INFINEON-BC818-16W Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
logo
Galaxy Semi-Conductor H...
BC818-16W BILIN-BC818-16W Datasheet
225Kb / 5P
   NPN general purpose transistor
More results

유사한 설명 - BC818-16W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com