전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

44-3552-18 데이터시트(HTML) 1 Page - Aries Electronics, Inc.

부품명 44-3552-18
상세내용  High-Temp Universal ZIF DIP Burn-in & Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ARIES [Aries Electronics, Inc.]
홈페이지  http://www.arieselec.com
Logo 

44-3552-18 데이터시트(HTML) 1 Page - Aries Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10002HT
Rev. 1.8
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Acceptsdeviceson0.300to0.600[7.62to15.24]centers
• AllpincountsgointoPCBwitheither0.300or0.600[7.62or15.24]centers
• Contactsnormally-closedtoeliminatedependenceonplastictosustaincontactintegrity
• Sockethandleconfiguredwithclosedcontacts(on)whenintheUPorDOWNposition,andmounted
ontheRIGHTorLEFTsideofsocket
GENERAL SPECIFICATIONS
SOCKET BODY:naturalUL94V-0glass-filledPolyetheretherketone(PEEK)
HANDLE:StainlessSteel
CONTACTS:BeNi360,1/2hard
CONTACT PLATING:50μ[1.27μ]min.NiB
CONTACT CURRENT RATING:1amp
OPERATING TEMPERATURES:-67°Fto482°F[-55°Cto250°C]
RETENTION FORCE(closed):55g/pinbasedona0.020[0.51]dia.testlead
INSULATION RESISTANCE: 1000 MΩmin.
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
LIFE CYCLE:25,000to50,000cycles
ACCEPTS LEADS:0.014-0.045[0.38-1.14]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• SeeSocketFootprintbelow
High-Temp (250°C) Universal ZIF DIP
Burn-in & Test Socket – (300°C Special Order)
ORDERING INFORMATION
XX-X55X-X X
Plating
8 = NiB
Termination
1=SolderPinTail
Handle Options
1=Leftupisclosed
2=Rightupisclosed
3=Leftdownisclosed
4=Rightdownisclosed(std)
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24]
No. of Pins
24,28,32,36,40,42,44,48


Html Pages

1 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn