전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5519AJI1FNTR-G1 데이터시트(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

부품명 CS5519AJI1FNTR-G1
상세설명  Enhanced Multi-touch Capacitive Touch Screen Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519AJI1FNTR-G1 데이터시트(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519AJI1FNTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519AJI1FNTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
G1: Green
Blank: Tray
TR: Tape & Reel
Ordering Information
CS5519
-
Circuit Type
Package
Temperature
Range
Part Number
Marking ID
Packing Type
QFN-7x7-56
-40 to 95°C
CS5519CJI1FN-G1
CS5519CJ-I1
Tray
CS5519CJI1FNTR-G1
CS5519CJ-I1
Tape & Reel
-40 to 85°C
CS5519CJI2FN-G1
CS5519CJ-I2
Tray
CS5519CJI2FNTR-G1
CS5519CJ-I2
Tape & Reel
-40 to 80°C
CS5519CJI3FN-G1
CS5519CJ-I3
Tray
CS5519CJI3FNTR-G1
CS5519CJ-I3
Tape & Reel
QFN-8x8-68
-40 to 95°C
CS5519AJI1FN-G1
CS5519AJ-I1
Tray
CS5519AJI1FNTR-G1
CS5519AJ-I1
Tape & Reel
-40 to 85°C
CS5519AJI2FN-G1
CS5519AJ-I2
Tray
CS5519AJI2FNTR-G1
CS5519AJ-I2
Tape & Reel
-40 to 80°C
CS5519AJI3FN-G1
CS5519AJ-I3
Tray
CS5519AJI3FNTR-G1
CS5519AJ-I3
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" in the part number, are RoHS compliant and
green.
Package
FN: QFN-7x7-56
/
QFN-8x8-68
CJ: 56-pin
AJ: 68-pin
I1: -40 to 95°C
I2: -40 to 85°C
I3: -40 to 80°C


유사한 부품 번호 - CS5519AJI1FNTR-G1

제조업체부품명데이터시트상세설명
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
More results

유사한 설명 - CS5519AJI1FNTR-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
   Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
   Superior Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
   True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com