전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV3002 데이터시트(PDF) 9 Page - Diodes Incorporated

부품명 AZV3002
상세설명  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3002 데이터시트(HTML) 9 Page - Diodes Incorporated

Back Button AZV3002 Datasheet HTML 3Page - Diodes Incorporated AZV3002 Datasheet HTML 4Page - Diodes Incorporated AZV3002 Datasheet HTML 5Page - Diodes Incorporated AZV3002 Datasheet HTML 6Page - Diodes Incorporated AZV3002 Datasheet HTML 7Page - Diodes Incorporated AZV3002 Datasheet HTML 8Page - Diodes Incorporated AZV3002 Datasheet HTML 9Page - Diodes Incorporated AZV3002 Datasheet HTML 10Page - Diodes Incorporated AZV3002 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
9 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: X2-DFN1410-6
(2)
U-FLGA1616-8
(3)
SO-8
D
E
e
b(8x)
L(8x)
A
A1
A3
z
Seating Plane
z2
(Pin #1 ID)
La
z1
b2
1
8
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X2-DFN1410-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.15
0.25
0.20
D
1.35
1.45
1.40
E
0.95
1.05
1.00
e
––
––
0.50
L
0.25
0.35
0.30
Z
––
––
0.10
Z1
0.045
0.105
0.075
All Dimensions in mm
U-FLGA1616-8
Dim
Min
Max
Typ
A
0.45
0.55
0.50
A1
0.00
0.05
0.02
A3
-
-
0.176
b
0.15
0.25
0.20
b2
-
-
0.30
D
1.55
1.65
1.60
E
1.55
1.65
1.60
e
0.50BSC
L
0.25
0.35
0.30
La
-
-
0.15
z
-
-
0.20
z1
-
-
0.10
z2
-
-
0.09
All Dimensions in mm
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
0
8
All Dimensions in mm
D
E
e
L(6x)
A
A3
(Pin #1 ID)
Seating Plane
Z(4x)
A1
b(6x)
Z1(4x)


유사한 부품 번호 - AZV3002

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

유사한 설명 - AZV3002

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com