전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040B25QFTA 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 LM4040B25QFTA
상세설명  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040B25QFTA 데이터시트(HTML) 2 Page - Diodes Incorporated

  LM4040B25QFTA Datasheet HTML 1Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 2Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 3Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 4Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 5Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 6Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 7Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 8Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
2 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Continuous Reverse Current
20
mA
Continuous Forward Current
10
mA
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-55 to +150
°C
ESD Susceptibility
HBM
Human Body Model
4
kV
MM
Machine Model
TBC
V
CDM
Charged Device Model
TBC
kV
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not implied.
Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.)
Package Thermal Data
Package
θJA
PDIS
TA = +25°C, TJ = +150°C
SOT23
380°C/W
330mW
Recommended Operating Conditions
Characteristic
Min
Max
Units
Reverse Current
0.06
15
mA
Operating Ambient Temperature Range
-40
+125
°C


유사한 부품 번호 - LM4040B25QFTA

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
LM4040B25FTA ZETEX-LM4040B25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25FTA DIODES-LM4040B25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040B25H5TA ZETEX-LM4040B25H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25H5TA DIODES-LM4040B25H5TA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Texas Instruments
LM4040B25IDBZR TI1-LM4040B25IDBZR Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4040B25QFTA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com