전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LKG1J122MESBBK 데이터시트(PDF) 4 Page - Nichicon corporation

부품명 LKG1J122MESBBK
상세설명  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1J122MESBBK 데이터시트(HTML) 4 Page - Nichicon corporation

  LKG1J122MESBBK Datasheet HTML 1Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 2Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 3Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 4Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 5Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 6Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 7Page - Nichicon corporation LKG1J122MESBBK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
350
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-2)
2200
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
20 × 20
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
30 × 20
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
1.10
1.50
1.55
1.55
1.75
1.75
1.85
2.20
2.20
2.15
2.40
2.40
2.30
2.25
2.65
2.65
2.45
2.50
2.75
2.75
2.75
2.60
3.10
3.10
3.50
3.40
3.45
3.80
3.80
4.25
4.25
4.50
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.45
0.45
0.57
LKG1C222MESYBK
LKG1C332MESZBK
LKG1C392MESYBK
LKG1C392MESABK
LKG1C472MESYBK
LKG1C472MESZBK
LKG1C562MESBBK
LKG1C682MESYBK
LKG1C682MESZBK
LKG1C682MESABK
LKG1C822MESYBK
LKG1C822MESZBK
LKG1C822MESABK
LKG1C822MESCBK
LKG1C103MESYBK
LKG1C103MESZBK
LKG1C103MESABK
LKG1C103MESBBK
LKG1C123MESZBK
LKG1C123MESABK
LKG1C123MESBBK
LKG1C123MESCBK
LKG1C153MESABK
LKG1C153MESBBK
LKG1C183MESABK
LKG1C183MESBBK
LKG1C183MESCBK
LKG1C223MESBBK
LKG1C223MESCBK
LKG1C273MESBBK
LKG1C273MESCBK
LKG1C333MESCBK
16V(1C)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
20 × 20
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
30 × 20
25 × 25
20 × 45
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
1.35
1.50
1.50
1.70
1.70
1.80
1.80
1.85
2.10
2.30
2.30
2.25
2.20
2.50
2.50
2.40
2.50
2.65
2.65
2.65
2.90
2.85
3.05
3.30
3.30
3.30
3.55
3.50
4.15
4.00
4.45
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1E182MESYBK
LKG1E222MESYBK
LKG1E222MESABK
LKG1E272MESYBK
LKG1E272MESZBK
LKG1E332MESYBK
LKG1E332MESZBK
LKG1E332MESBBK
LKG1E392MESABK
LKG1E472MESYBK
LKG1E472MESZBK
LKG1E472MESABK
LKG1E472MESCBK
LKG1E562MESYBK
LKG1E562MESZBK
LKG1E562MESABK
LKG1E562MESBBK
LKG1E682MESZBK
LKG1E682MESABK
LKG1E682MESBBK
LKG1E822MESABK
LKG1E822MESBBK
LKG1E822MESCBK
LKG1E103MESABK
LKG1E103MESBBK
LKG1E103MESCBK
LKG1E123MESBBK
LKG1E123MESCBK
LKG1E153MESBBK
LKG1E153MESCBK
LKG1E183MESCBK
25V(1E)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22 × 20
20 × 25
22 × 25
25 × 20
20 × 30
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
25 × 35
30 × 25
35 × 20
22 × 45
30 × 30
22 × 50
25 × 40
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
1.30
1.40
1.55
1.65
1.75
2.05
2.05
2.00
2.05
2.25
2.25
2.20
2.40
2.40
2.30
2.40
2.50
2.70
2.55
3.00
3.00
2.85
3.10
3.30
3.05
3.60
3.30
3.80
3.70
4.10
4.80
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1V122MESZBK
LKG1V152MESYBK
LKG1V182MESZBK
LKG1V182MESABK
LKG1V222MESYBK
LKG1V272MESYBK
LKG1V272MESZBK
LKG1V272MESABK
LKG1V272MESBBK
LKG1V332MESYBK
LKG1V332MESZBK
LKG1V332MESABK
LKG1V392MESYBK
LKG1V392MESZBK
LKG1V392MESABK
LKG1V392MESBBK
LKG1V392MESCBK
LKG1V472MESZBK
LKG1V472MESBBK
LKG1V562MESZBK
LKG1V562MESABK
LKG1V562MESCBK
LKG1V682MESABK
LKG1V682MESBBK
LKG1V682MESCBK
LKG1V822MESBBK
LKG1V822MESCBK
LKG1V103MESBBK
LKG1V103MESCBK
LKG1V123MESCBK
LKG1V153MESCBK
35V(1V)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
30 × 20
25 × 25
20 × 45
22 × 35
25 × 30
35 × 20
20 × 50
22 × 45
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
1.00
1.50
1.50
1.65
1.65
1.80
1.80
1.80
2.15
2.35
2.35
2.30
2.25
2.45
2.45
2.50
2.60
2.80
2.80
2.80
3.00
3.00
3.15
3.40
3.30
3.35
3.60
3.60
4.10
3.95
4.40
5.05
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1H821MESZBK
LKG1H102MESYBK
LKG1H102MESABK
LKG1H122MESYBK
LKG1H122MESZBK
LKG1H152MESYBK
LKG1H152MESZBK
LKG1H152MESBBK
LKG1H182MESABK
LKG1H222MESYBK
LKG1H222MESZBK
LKG1H222MESABK
LKG1H222MESCBK
LKG1H272MESYBK
LKG1H272MESZBK
LKG1H272MESABK
LKG1H272MESBBK
LKG1H332MESZBK
LKG1H332MESABK
LKG1H332MESBBK
LKG1H392MESABK
LKG1H392MESBBK
LKG1H392MESCBK
LKG1H472MESABK
LKG1H472MESBBK
LKG1H472MESCBK
LKG1H562MESBBK
LKG1H562MESCBK
LKG1H682MESBBK
LKG1H682MESCBK
LKG1H822MESCBK
LKG1H103MESCBK
50V(1H)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


유사한 설명 - LKG1J122MESBBK

제조업체부품명데이터시트상세설명
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com