전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5345 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI5345
상세설명  10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI5345 Datasheet HTML 2Page - Silicon Laboratories SI5345 Datasheet HTML 3Page - Silicon Laboratories SI5345 Datasheet HTML 4Page - Silicon Laboratories SI5345 Datasheet HTML 5Page - Silicon Laboratories SI5345 Datasheet HTML 6Page - Silicon Laboratories SI5345 Datasheet HTML 7Page - Silicon Laboratories SI5345 Datasheet HTML 8Page - Silicon Laboratories SI5345 Datasheet HTML 9Page - Silicon Laboratories SI5345 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Si5345/44/42
6
Rev. 1.0
Table 3. Input Specifications
(VDD = 1.8 V ±5%, VDDA = 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Standard Differential or Single-Ended - AC Coupled (IN0/IN0, IN1/IN1, IN2/IN2, IN3/IN3, FB_IN/FB_IN)
Input Frequency Range
fIN_DIFF
Differential
0.008
750
MHz
Single-ended/LVCMOS
0.008
250
MHz
Voltage Swing1
VIN
Differential AC Coupled
fin < 250 MHz
100
1800
mVpp_se
Differential AC Coupled
250 MHz < fin < 750 MHz
225
1800
mVpp_se
Single-Ended AC Coupled
fin < 250 MHz
100
3600
mVpp_se
Slew Rate2, 3
SR
400
V/μs
Duty Cycle
DC
40
60
%
Capacitance
CIN
—2
pF
Pulsed CMOS - DC Coupled (IN0, IN1, IN2, IN3)
Input Frequency
fIN_PULSED_CMOS4
0.008
250
MHz
Input Voltage4
VIL
–0.2
0.33
V
VIH
0.49
V
Slew Rate2, 3
SR
400
V/μs
Minimum Pulse Width
PW
Pulse Input
1.6
ns
Input Resistance
RIN
—8
k
REFCLK (applied to XA/XB)
Notes:
1.
Voltage swing is specified as single-ended mVpp.
2.
Imposed for jitter performance.
3.
Rise and fall times can be estimated using the following simplified equation: tr/tf80-20 = ((0.8 – 0.2) x VIN_Vpp_se) / SR
4.
This mode is intended primarily for single-ended LVCMOS input clocks < 1 MHz that must be dc-coupled because they
have a duty cycle significantly less than 50%. A typical application example is a low-frequency video frame sync pulse.
Since the input thresholds (VIL, VIH) of this buffer are non-standard (0.33 and 0.49 V, respectively) refer to the input
attenuator circuit for dc-coupled pulsed LVCMOS in the Family Reference Manual at: www.silabs.com/
Support%20Documents/TechnicalDocs/Si5345-44-42-RM.pdf. Otherwise, for standard LVCMOS input clocks, use the
Standard Differential or Single-Ended ac-coupled input mode.


유사한 부품 번호 - SI5345

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
Si5345-D-EVB SILABS-Si5345-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

유사한 설명 - SI5345

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com