전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5346 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI5346
상세설명  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5346 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI5346 Datasheet HTML 1Page - Silicon Laboratories SI5346 Datasheet HTML 2Page - Silicon Laboratories SI5346 Datasheet HTML 3Page - Silicon Laboratories SI5346 Datasheet HTML 4Page - Silicon Laboratories SI5346 Datasheet HTML 5Page - Silicon Laboratories SI5346 Datasheet HTML 6Page - Silicon Laboratories SI5346 Datasheet HTML 7Page - Silicon Laboratories SI5346 Datasheet HTML 8Page - Silicon Laboratories SI5346 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Si5347/46
4
Rev. 1.1
2. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%,TA = –40 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Junction Temperature
TJMAX
——
125
°C
Core Supply Voltage
VDD
1.71
1.80
1.89
V
VDDA
3.14
3.30
3.47
V
Output Driver Supply Voltage
VDDO
3.14
3.30
3.47
V
2.38
2.50
2.62
V
1.71
1.80
1.89
V
Status Pin Supply Voltage
VDDS
3.14
3.30
3.47
V
1.71
1.80
1.89
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Table 2. DC Characteristics
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
Si5347
Notes 1, 2
175
240
mA
Si5346
170
230
mA
IDDA
Si5347
120
130
mA
Si5346
120
130
mA
Notes:
1. Si5347 test configuration: 7 x 2.5 V LVDS outputs enabled @156.25 MHz. Excludes power in termination resistors.
2. Si5346 test configuration: 4 x 2.5 V LVDS outputs enabled @ 156.25 MHz. Excludes power in termination resistors.
3. Differential outputs terminated into an AC coupled 100
 load.
4. LVCMOS outputs measured into a 5-inch 50
 PCB trace with 5 pF load. The LVCMOS outputs were set to
OUTx_CMOS_DRV = 3, which is the strongest driver setting. Refer to the Si5347/46 Family Reference Manual for
more details on register settings.
5. Detailed power consumption for any configuration can be estimated using ClockBuilder Pro when an evaluation board
(EVB) is not available. All EVBs support detailed current measurements for any configuration.
50
50
100
OUT
OUT
IDDO
Differential Output Test Configuration
0.1 µF
0.1 µF
50
OUT
OUT
IDDO
Trace length 5
inches
50
4.7 pF
499
56
4.7 pF
499
56
50
 Scope Input
50
 Scope Input
0.1 µF
0.1 µF
LVCMOS Output Test Configuration


유사한 부품 번호 - SI5346

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5346 SILABS-Si5346 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Si5346-D-EVB SILABS-Si5346-D-EVB Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5346-D-EVB SKYWORKS-SI5346-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
Si5346A-D-GM SILABS-Si5346A-D-GM Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
More results

유사한 설명 - SI5346

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5347 SILABS-SI5347_16 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com