전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5350B-B 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI5350B-B
상세설명  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5350B-B 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI5350B-B Datasheet HTML 2Page - Silicon Laboratories SI5350B-B Datasheet HTML 3Page - Silicon Laboratories SI5350B-B Datasheet HTML 4Page - Silicon Laboratories SI5350B-B Datasheet HTML 5Page - Silicon Laboratories SI5350B-B Datasheet HTML 6Page - Silicon Laboratories SI5350B-B Datasheet HTML 7Page - Silicon Laboratories SI5350B-B Datasheet HTML 8Page - Silicon Laboratories SI5350B-B Datasheet HTML 9Page - Silicon Laboratories SI5350B-B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Si5350B-B
6
Rev. 1.0
Table 6. Output Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Frequency Range1
FCLK
0.0025
200
MHz
Load Capacitance
CL
FCLK < 100 MHz
15
pF
Duty Cycle
DC
FCLK  160 MHz, measured
at VDD/2
45
50
55
%
FCLK  160 MHz, measured
at VDD/2
40
50
60
%
Rise/Fall Time
tr/tf
20% - 80%, CL = 5 pF
1
1.5
ns
Output High Voltage
VOH
VDD – 0.6
V
Output Low Voltage
VOL
0.6
V
Period Jitter2,3
JPER
20-QFN, 4 outputs running,
1 per VDDO
—40
95
ps pk-pk
10-MSOP or 20-QFN,
all outputs running
70
155
Cycle-to-Cycle Jitter2,3
JCC
20‐QFN, 4 outputs running, 1 
per VDDO
—50
90
ps pk
10-MSOP or 20-QFN,
all outputs running
70
150
Period Jitter, VCXO2,3
JPER_VCXO
20-QFN, 4 outputs running,
1 per VDDO
—50
95
ps pk-pk
10-MSOP or 20-QFN,
all outputs running
70
155
Cycle-to-Cycle Jitter,
VCXO2,3
JCC_VCXO
20-QFN, 4 outputs running,
1 per VDDO
—50
90
ps pk
10-MSOP or 20-QFN,
all outputs running
70
150
Notes:
1. Only two unique frequencies above 112.5 MHz can be simultaneously output.
2. Measured over 10k cycles. Jitter is only specified at the default high drive strength (50
 output impedance).
3. Jitter is highly dependent on device frequency configuration. Specifications represent a “worst case, real world”
frequency plan; actual performance may be substantially better. Three-output 10MSOP package measured with clock
outputs of 74.25, 24.576, and 48 MHz. Eight-output 20QFN package measured with clock outputs of 33.33, 74.25, 27,
24.576, 22.5792, 28.322, 125, and 48 MHz.


유사한 부품 번호 - SI5350B-B

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5350B-B SILABS-Si5350B-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results

유사한 설명 - SI5350B-B

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com