전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5380 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI5380
상세설명  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI5380 Datasheet HTML 4Page - Silicon Laboratories SI5380 Datasheet HTML 5Page - Silicon Laboratories SI5380 Datasheet HTML 6Page - Silicon Laboratories SI5380 Datasheet HTML 7Page - Silicon Laboratories SI5380 Datasheet HTML 8Page - Silicon Laboratories SI5380 Datasheet HTML 9Page - Silicon Laboratories SI5380 Datasheet HTML 10Page - Silicon Laboratories SI5380 Datasheet HTML 11Page - Silicon Laboratories SI5380 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
3.2 External Reference (XA/XB)
An external crystal (XTAL) is used in combination with the internal oscillator (OSC) to produce an ultra-low phase noise reference clock
for the DSPLL and for providing a stable reference for the free-run and holdover modes. A simplified diagram is shown in the figure
below. The Si5380 includes internal XTAL loading capacitors which eliminates the need for external capacitors and also has the benefit
of reduced noise coupling from external sources. Refer to the Table 5.12 Crystal Specifications on page 32 for crystal specifications.
A crystal frequency of 54 MHz is required, with a total accuracy of ±100 ppm* recommended for best performance. The Si5380 includes
built-in XTAL load capacitors (CL) of 8 pF, which are switched out of the circuit when using an external XO. The Si5380 Reference
Manual provides additional information on PCB layout recommendations for the crystal to ensure optimum jitter performance. The
Si5380 can also accommodate an external reference clock (REFCLK) instead of a crystal. Selection between the external XTAL or
REFCLK is controlled by register configuration. The internal crystal loading capacitors (CL) are disabled in this mode. It is important to
note that when using the REFCLK option the close-in phase noise of the outputs is directly affected by the phase noise of the external
XO reference. Refer to the Table 5.3 Input Clock Specifications on page 23 for REFCLK requirements when using this mode.
Note: Including initial frequency tolerance and frequency variation over the full operating temperature range, voltage range, load condi-
tions, and aging.
Differential Connection
2xCL
2xCL
XB
XA
2xCL
2xCL
XB
XA
Single-ended XO Connection
Crystal Connection
OSC
XB
XA
XTAL
2xCL
2xCL
Si5380
Si5380
Si5380
Note: 2.0 Vpp_se max
XO with Clipped Sine
Wave Output
2xCL
2xCL
XB
XA
OSC
Si5380
Note: 2.0 Vpp_se max
CMOS/XO
Output
R2
R1
0.1 uf
0.1 uf
0.1 uf
0.1 uf
0.1 uf
0.1 uf
0.1 uf
Single-ended Connection
Note: 2.5 Vpp diff max
X1
X2
nc
nc
X1
X2
nc
nc
X1
X2
nc
nc
X2
X1
OSC
OSC
0.1 uf
Figure 3.4. XAXB Crystal Resonator and External Reference Clock Connection Options
3.3 Inputs (IN0, IN1, IN2, IN3/FB_IN)
Four clock inputs are available to synchronize the DSPLL. The inputs are compatible with both single-ended and differential signals.
Input selection can be manual (pin or register controlled) or automatic with definable priorities.
Si5380 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96 | 7


유사한 부품 번호 - SI5380

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5380 SILABS-SI5380 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

유사한 설명 - SI5380

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com