전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5380 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI5380
상세설명  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI5380 Datasheet HTML 1Page - Silicon Laboratories SI5380 Datasheet HTML 2Page - Silicon Laboratories SI5380 Datasheet HTML 3Page - Silicon Laboratories SI5380 Datasheet HTML 4Page - Silicon Laboratories SI5380 Datasheet HTML 5Page - Silicon Laboratories SI5380 Datasheet HTML 6Page - Silicon Laboratories SI5380 Datasheet HTML 7Page - Silicon Laboratories SI5380 Datasheet HTML 8Page - Silicon Laboratories SI5380 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
3. Functional Description
The Si5380 is a high performance clock generator that is capable of synthesizing up to 10 unique integer related frequencies at any of
the device’s 12 outputs. The output clocks can be generated in free-run mode or synchronized to any one of the four external inputs.
Clock generation is provided by Silicon Laboratories’ 4th generation DSPLL technology which combines frequency synthesis and jitter
attenuation in a highly integrated digital solution that eliminates the need for external VCXO and loop filter components. The Si5380
device is fully configurable using the I2C or SPI serial interface and has in-circuit programmable non-volatile memory.
3.1 Frequency Configuration
The DSPLL provides the synthesis for generating the output clock frequencies which are synchronous to the selected input clock fre-
quency or free-running XTAL. It consists of a phase detector, a programmable digital loop filter, a high-performance ultra-low phase
noise analog 15 GHz VCO, and a user configurable feedback divider. An internal oscillator (OSC) provides the DSPLL with a stable
low-noise clock source for frequency synthesis and for maintaining frequency accuracy in the free-run or holdover modes. The oscillator
simply requires an external, low cost 54 MHz fundamental mode crystal to operate. No other external components are required for fre-
quency generation. A key feature of this DSPLL is that it provides immunity to external noise coupling from power supplies and other
uncontrolled noise sources that normally exist on printed circuit boards.
3.1.1 Si5380 LTE Frequency Configuration
The device’s frequency configuration is fully programmable through the serial interface and can also be stored in non-volatile memory.
The combination of flexible integer dividers and a high frequency VCO allows the device to generate multiple output clock frequencies
for applications that require ultra-low phase noise and spurious performance. At the core of the device are the N dividers which deter-
mine the number of unique frequencies that can be generated from the device. The table below shows a list of possible output frequen-
cies for LTE applications. The Si5380’s DSPLL core can generate up to five unique frequencies. These frequencies are distributed to
the output dividers using a configurable crosspoint mux. The R dividers allow further division for up to 10 unique integer-ratio related
frequencies on the Si5380. The ClockBuilder Pro software utility provides a simple means of automatically calculating the optimum di-
vider values (P, M, N and R) for the frequencies listed in the table below.
Table 3.1. Example of Possible LTE Clock Frequencies
Fin (MHz)1
LTE Device Clock Frequencies Fout (MHz)2
15.36
15.36
19.20
19.20
30.72
30.72
38.40
38.40
61.44
61.44
76.80
76.80
122.88
122.88
153.60
153.60
184.32
184.32
245.76
245.76
307.20
307.20
368.64
368.64
491.52
491.52
614.40
614.40
737.28
737.28
983.04
1228.80
1474.56
Si5380 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96 | 3


유사한 부품 번호 - SI5380

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5380 SILABS-SI5380 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

유사한 설명 - SI5380

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com