전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7013EVB-UDP-M3L1 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 SI7013EVB-UDP-M3L1
상세설명  Si7013EVB-UDP-M3L1 Users Guide
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7013EVB-UDP-M3L1 데이터시트(HTML) 3 Page - Silicon Laboratories

  SI7013EVB-UDP-M3L1 Datasheet HTML 1Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 2Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 3Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 4Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 5Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 6Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 7Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 8Page - Silicon Laboratories SI7013EVB-UDP-M3L1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Si7013EVB-UDP-M3L1
Rev. 0.2
3
2.1. Si7013EB—UDP Schematics and BOM
Figure 4 shows the schematics of the Si7013EB-UDP port header card. VDD is connected to port pin 17 and GND
is connected to port pin 16. This is the standardized location for power and ground on Silicon Laboratories UDP
port headers. For port headers with only 8 port pins, the card can be offset with power and ground pins connecting
properly and pins 1–8 of the Si7013EB-UDP overhanging.
By default, the on board Si7013 (U1) connects SDA to port pin P1.5, SCL to P1.6 and CS to P1.7. There is an
optional 6 pin flat flexible header connector J2 that can connect to an external “postage stamp” size evaluation
board for the Si7013, Si7020, or Si7021. The “postage stamp” size evaluation boards and a 3-foot flat flexible cable
are included with the Si7013USB-DONGLE evaluation kit and can be ordered separately. The optional postage
stamp evaluation boards would have SDA connect to port pin 1.3 SCL to P1.4 and CS to P1.2. The BOM for the
Si7013EB-UDP is shown in Table 1.
Table 1. Si7013-UDP Bill of Materials
Qty
Ref
Value
Rating
Tol
Type
PCB
Footprint
Mfr Part Number
Mfr
1
C1
4.7uF
6.3 V
±20%
X5R
C0603
C0603X5R6R3-475M
Venkel
3
C2, C3
0.1uF
0 V
±20%
X7R
C0402
C0402X7R160-104M
Venkel
1
J2
FH12
FH12
CONN6N-FPC/
FFC-P0.5
FH12-6S-0.5SH(55)
Hirose
1J3
CONN
SOCKET
2x9
Socket
SSW-109-02-F-D-RA
Samtec
3
R1, R2, R13
10K
1/16 W
±5%
ThickFilm
R0402
CR0402-16W-1002J
Venkel
2
R3, R4
2K
1/16 W
±5%
ThickFilm
R0402
CR0402-16W-2001J
Venkel
10
R5, R6, R7,
R8, R9, R10,
R11, R12,
R15, R16
0
1 A
ThickFilm
R0402
CR0402-16W-000
Venkel
1
R14
10K
NTC
thermistor
R0603
NCP18XH103F03RB
Murata
1
U1
Si7013
Humidity
QFN24
4x4P0.5
Si7013-A-GM1
Silicon
Labs


유사한 부품 번호 - SI7013EVB-UDP-M3L1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7013EVB-UDP-F960 SILABS-SI7013EVB-UDP-F960 Datasheet
1,010Kb / 24P
   Si7013EVB-UDP/Si7013EVB-UDP-F960 Users Guide
More results

유사한 설명 - SI7013EVB-UDP-M3L1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7013EVB-UDP SILABS-SI7013EVB-UDP Datasheet
1,010Kb / 24P
   Si7013EVB-UDP/Si7013EVB-UDP-F960 Users Guide
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
   DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com