전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7055-A20 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SI7055-A20
상세설명  IC TEMPERATURE SENSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7055-A20 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SI7055-A20 Datasheet HTML 5Page - Silicon Laboratories SI7055-A20 Datasheet HTML 6Page - Silicon Laboratories SI7055-A20 Datasheet HTML 7Page - Silicon Laboratories SI7055-A20 Datasheet HTML 8Page - Silicon Laboratories SI7055-A20 Datasheet HTML 9Page - Silicon Laboratories SI7055-A20 Datasheet HTML 10Page - Silicon Laboratories SI7055-A20 Datasheet HTML 11Page - Silicon Laboratories SI7055-A20 Datasheet HTML 12Page - Silicon Laboratories SI7055-A20 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Si7050/3/4/5-A20
Rev. 1.0
9
2. Typical Application Circuits
Figure 2 demonstrates the typical application circuit for Si705x sensors.
Figure 2. Typical Application Circuit for Temperature Measurement
0.1 µF
VDD
SCL
SDA
Si705x
SCL
SDA
1.9 to 3.6 V
6
1
2
GND
10 k
Ω
10 k
Ω
5


유사한 부품 번호 - SI7055-A20

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si7055-A20-IM SILABS-Si7055-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7055-A20-IM SILABS-SI7055-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7055-A20-IMR SILABS-Si7055-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7055-A20-IMR SILABS-SI7055-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7055-A20-YM0 SILABS-Si7055-A20-YM0 Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - SI7055-A20

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com