전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8233 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI8233
상세설명  0.5 AND 4.0 AMP ISODRIVERS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8233 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI8233 Datasheet HTML 2Page - Silicon Laboratories SI8233 Datasheet HTML 3Page - Silicon Laboratories SI8233 Datasheet HTML 4Page - Silicon Laboratories SI8233 Datasheet HTML 5Page - Silicon Laboratories SI8233 Datasheet HTML 6Page - Silicon Laboratories SI8233 Datasheet HTML 7Page - Silicon Laboratories SI8233 Datasheet HTML 8Page - Silicon Laboratories SI8233 Datasheet HTML 9Page - Silicon Laboratories SI8233 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Si823x
6
Rev. 1.7
2. Electrical Specifications
Table 1. Electrical Characteristics1
2.7 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Specifications
Input-side Power Supply
Voltage
VDDI
Si8230/1/2/3/4/5/6
Si8237/8
4.5
2.7
5.5
5.5
V
Driver Supply Voltage
VDDA, VDDB
Voltage between VDDA and
GNDA, and VDDB and GNDB
(See “6. Ordering Guide” )
6.5
24
V
Input Supply Quiescent
Current
IDDI(Q)
Si8230/2/3/5/6/7/8
2
3
mA
Si8231/4
3.5
5
mA
Output Supply Quiescent
Current
IDDA(Q),
IDDB(Q)
Current per channel
3.0
mA
Input Supply Active Current
IDDI
Input freq = 500 kHz, no load
3.5
mA
Output Supply Active Current
IDDA
IDDB
Current per channel with
Input freq = 500 kHz, no load
—6
mA
Input Pin Leakage Current
IVIA, IVIB,
IPWM
–10
+10
µA dc
Input Pin Leakage Current
IDISABLE
–10
+10
µA dc
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
Input Hysteresis
VIHYST
Si8230/1/2/3/4/5/6/7/8
400
450
mV
Logic High Output Voltage
VOAH,
VOBH
IOA, IOB = –1 mA
(VDDA
/VDDB)
— 0.04
——
V
Logic Low Output Voltage
VOAL, VOBL
IOA, IOB = 1 mA
0.04
V
Output Short-Circuit Pulsed
Sink Current
IOA(SCL),
IOB(SCL)
Si8230/1/2/7, Figure 4
0.5
A
Si8233/4/5/6/8, Figure 4
4.0
A
Output Short-Circuit Pulsed
Source Current
IOA(SCH),
IOB(SCH)
Si8230/1/2/7, Figure 5
0.25
A
Si8233/4/5/6/8, Figure 5
2.0
A
Output Sink Resistance
RON(SINK)
Si8230/1/2/7
5.0
Si8233/4/5/6/8
1.0
Notes:
1. VDDA = VDDB = 12 V for 5, 8, and 10 V UVLO devices; VDDA = VDDB = 15 V for 12.5 V UVLO devices.
2. TDD is the minimum overlap time without triggering overlap protection (Si8230/1/3/4 only).
3. The largest RDT resistor that can be used is 220 k
..


유사한 부품 번호 - SI8233

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8233AB-AM SKYWORKS-SI8233AB-AM Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8233AB-AM1 SKYWORKS-SI8233AB-AM1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8233AB-AS SKYWORKS-SI8233AB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8233AB-AS1 SILABS-Si8233AB-AS1 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8233AB-AS1 SKYWORKS-SI8233AB-AS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

유사한 설명 - SI8233

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com