전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8641BT-IS 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI8641BT-IS
상세설명  Low-Power Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8641BT-IS 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI8641BT-IS Datasheet HTML 1Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 2Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 3Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 4Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 5Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 6Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 7Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 8Page - Silicon Laboratories SI8641BT-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Si864x Data Sheet
Low-Power Quad-Channel Digital Isolators
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering sub-
stantial data rate, propagation delay, power, size, reliability, and external BOM advantag-
es over legacy isolation technologies. The operating parameters of these products re-
main stable across wide temperature ranges and throughout device service life for ease
of design and highly uniform performance. All device versions have Schmitt trigger inputs
for high noise immunity and only require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve propagation delays of
less than 10 ns. Enable inputs provide a single point control for enabling and disabling
output drive. Ordering options include a choice of isolation ratings (1.0, 2.5, 3.75 and 5
kV) and a selectable fail-safe operating mode to control the default output state during
power loss. All products >1 kV are safety certified by UL, CSA, VDE, and CQC, and
products in wide-body packages support reinforced insulation withstanding up to 5
kVRMS.
Applications
• Industrial automation systems
• Medical electronics
• Hybrid electric vehicles
• Isolated switch mode supplies
• Isolated ADC, DAC
• Motor control
• Power inverters
• Communications systems
Safety Regulatory Approvals
• UL 1577 recognized
• Up to 5000 VRMS for 1 minute
• CSA component notice 5A approval
• IEC 60950-1, 61010-1, 60601-1 (reinforced insulation)
• VDE certification conformity
• Si864xxT options certified to reinforced VDE 0884-10
• All other options certified to IEC 60747-5-5 and reinforced 60950-1
• CQC certification approval
• GB4943.1
KEY FEATURES
• High-speed operation
• DC to 150 Mbps
• No start-up initialization required
• Wide Operating Supply Voltage
• 2.5–5.5 V
• Up to 5000 VRMS isolation
• Reinforced VDE 0884-10, 10 kV surge-
capable (Si864xxT)
• 60-year life at rated working voltage
• High electromagnetic immunity
• Ultra low power (typical)
5 V Operation
• 1.6 mA per channel at 1 Mbps
• 5.5 mA per channel at 100 Mbps
2.5 V Operation
• 1.5 mA per channel at 1 Mbps
• 3.5 mA per channel at 100 Mbps
• Tri-state outputs with ENABLE
• Schmitt trigger inputs
• Selectable fail-safe mode
• Default high or low output (ordering
option)
• Precise timing (typical)
• 10 ns propagation delay
• 1.5 ns pulse width distortion
• 0.5 ns channel-channel skew
• 2 ns propagation delay skew
• 5 ns minimum pulse width
• Transient Immunity 50 kV/µs
• AEC-Q100 qualification
• Wide temperature range
• –40 to 125 °C
• RoHS-compliant packages
• SOIC-16 wide body
• SOIC-16 narrow body
• QSOP-16
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.9


유사한 부품 번호 - SI8641BT-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si8641BT-IS SILABS-Si8641BT-IS Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8641BT-IS SKYWORKS-SI8641BT-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

유사한 설명 - SI8641BT-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com