전자부품 데이터시트 검색엔진 |
|
AD5672RBCPZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices |
|
AD5672RBCPZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices |
8 / 34 page AD5672R/AD5676R Data Sheet Rev. B | Page 8 of 34 TIMING CHARACTERISTICS All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2. VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, and VREFIN = 2.5 V. All specifications −40°C to +125°C, unless otherwise noted. Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested. Table 5. 1.8 V ≤ VLOGIC < 2.7 V 2.7 V ≤ VLOGIC ≤ 5.5 V Parameter Min Max Min Max Unit Description t1 20 20 ns SCLK Cycle Time t2 4 1.7 ns SCLK High Time t3 4.5 4.3 ns SCLK Low Time t4 15.1 10.1 ns SYNC to SCLK Falling Edge Setup Time t5 0.8 0.8 ns Data Setup Time t6 0.1 −0.8 ns Data Hold Time t7 0.95 1.25 ns SCLK Falling Edge to SYNC Rising Edge t8 9.65 6.75 ns Minimum SYNC High Time (Single, Combined, or All Channel Update) t9 4.75 9.7 ns SYNC Falling Edge to SCLK Fall Ignore t10 4.85 5.45 ns LDAC Pulse Width Low t11 41.25 25 ns SCLK Falling Edge to LDAC Rising Edge t12 26.35 20.3 ns SCLK Falling Edge to LDAC Falling Edge t13 4.8 6.2 ns RESET Minimum Pulse Width Low t14 132 80 ns RESET Pulse Activation Time 5.15 5.18 μs Power-Up Time1 1 Time to exit power-down to normal mode of AD5672R/AD5676R operation, 32nd clock edge to 90% of DAC midscale value, with output unloaded. t4 t3 SCLK SYNC SDI t1 t2 t5 t6 t7 t8 DB23 t9 t10 t11 LDAC1 LDAC2 t12 1ASYNCHRONOUS LDAC UPDATE MODE. 2SYNCHRONOUS LDAC UPDATE MODE. RESET t13 t14 VOUT DB0 Figure 2. Serial Write Operation |
유사한 부품 번호 - AD5672RBCPZ-REEL7 |
|
유사한 설명 - AD5672RBCPZ-REEL7 |