전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW65C 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 BCW65C
상세설명  NPN Silicon AF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW65C 데이터시트(HTML) 5 Page - Infineon Technologies AG

  BCW65C Datasheet HTML 1Page - Infineon Technologies AG BCW65C Datasheet HTML 2Page - Infineon Technologies AG BCW65C Datasheet HTML 3Page - Infineon Technologies AG BCW65C Datasheet HTML 4Page - Infineon Technologies AG BCW65C Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCW65, BCW66
5
Jul-10-2001
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
10
0
600
BCW 65/66
EHP00395
V
CE sat
10
mA
10
10
10
3
2
1
0
-1
5
5
5
mV
200
400
800
150
25
-50
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10
03
BCW 65/66
EHP00394
VBE sat
10
mA
10
Ι
C
10
10
3
2
1
0
-1
5
5
5
V
12
4
150
25
-50 ˚C
˚C
˚C
DC current gain hFE = f (IC)
VCE = 1V
10
10
10
10
BCW 65/66
EHP00396
h
mA
-1
0
2
3
FE
3
10
102
0
10
5
5
101
1
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C


유사한 부품 번호 - BCW65C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW65C SIEMENS-BCW65C Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Fairchild Semiconductor
BCW65C FAIRCHILD-BCW65C Datasheet
37Kb / 4P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
BCW65C DIOTEC-BCW65C Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BCW65C BILIN-BCW65C Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
BCW65C CENTRAL-BCW65C Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

유사한 설명 - BCW65C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com