전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW68G 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BCW68G
상세설명  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW68G 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BCW68G Datasheet HTML 1Page - Infineon Technologies AG BCW68G Datasheet HTML 2Page - Infineon Technologies AG BCW68G Datasheet HTML 3Page - Infineon Technologies AG BCW68G Datasheet HTML 4Page - Infineon Technologies AG BCW68G Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCW67, BCW68
1
Jul-10-2001
PNP Silicon AF Transistors
 For general AF applications
 High current gain
 Low collector-emitter saturation voltage
Complementary types: BCW65, BCW66 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCW67A
BCW67B
BCW67C
BCW68F
BCW68G
BCW68H
DAs
DBs
DCs
DFs
DGs
DHs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BCW67
BCW68
Unit
Collector-emitter voltage
VCEO
32
45
V
Collector-base voltage
VCBO
45
60
Emitter-base voltage
VEBO
5
5
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


유사한 부품 번호 - BCW68G

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
BCW68G ZETEX-BCW68G Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCW68G INFINEON-BCW68G Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
SHIKUES Electronics
BCW68G SKTECHNOLGY-BCW68G Datasheet
498Kb / 2P
   High Collector Current
logo
Siemens Semiconductor G...
BCW68G SIEMENS-BCW68G Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Continental Device Indi...
BCW68G CDIL-BCW68G Datasheet
86Kb / 3P
   GENERAL PURPOSE TRANSISTOR
More results

유사한 설명 - BCW68G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com