전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPLSU85-108-23V 데이터시트(PDF) 2 Page - Total Power International

부품명 TPLSU85-108-23V
상세설명  85W LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPLSU85-108-23V 데이터시트(HTML) 2 Page - Total Power International

  TPLSU85-108-23V Datasheet HTML 1Page - Total Power International TPLSU85-108-23V Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
TotalRegulation
C.C.
C.V.
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:530~600gsapprox.
21VDC
22VDC
23VDC
24VDC
25VDC
27VDC
26VDC
0~4.04 A
0~ 3.86 A
0~ 3.69 A
0~ 3.54 A
0~ 3.40 A
0~ 3.26 A
0~ 3.14 A
3%
3%
85W
1W
TPLSU85-108-21V
3%
3%
85W
1W
TPLSU85-108-22V
3%
3%
85W
1W
TPLSU85-108-23V
3%
3%
85W
1W
TPLSU85-108-24V
3%
3%
85W
1W
TPLSU85-108-25V
3%
3%
85W
1W
TPLSU85-108-26V
3%
3%
85W
1W
TPLSU85-108-27V
0~ 3.14 A
0~ 3.03 A
0~ 2.93 A
0~ 2.83 A
0~ 2.74 A
0~ 2.65 A
0~ 2.57 A
3%
3%
85W
1W
TPLSU85-109-27V
3%
3%
85W
1W
TPLSU85-109-28V
3%
3%
85W
1W
TPLSU85-109-29V
3%
3%
85W
1W
TPLSU85-109-30V
3%
3%
85W
1W
TPLSU85-109-31V
3%
3%
85W
1W
TPLSU85-109-32V
3%
3%
85W
1W
TPLSU85-109-33V
27VDC
28VDC
29VDC
30VDC
31VDC
32VDC
33VDC
0~ 2.57 A
0~ 2.50 A
0~ 2.42 A
0~ 2.36 A
0~ 2.29 A
0~ 2.23 A
0~ 2.17 A
0~ 2.12 A
3%
3%
85W
1W
TPLSU85-110-33V
3%
3%
85W
1W
TPLSU85-110-34V
3%
3%
85W
1W
TPLSU85-110-35V
3%
3%
85W
1W
TPLSU85-110-36V
3%
3%
85W
1W
TPLSU85-110-37V
3%
3%
85W
1W
TPLSU85-110-38V
3%
3%
85W
1W
TPLSU85-110-39V
3%
3%
85W
1W
TPLSU85-110-40V
33VDC
34VDC
35VDC
36VDC
37VDC
38VDC
39VDC
40VDC
0~ 2.12 A
0~ 2.07 A
0~ 2.02 A
0~ 1.97 A
0~ 1.93 A
0~ 1.88 A
0~ 1.84 A
0~ 1.80 A
0~ 1.70 A
0~ 1.73 A
0~ 1.77 A
3%
3%
85W
1W
TPLSU85-111-40V
3%
3%
85W
1W
TPLSU85-111-41V
3%
3%
85W
1W
TPLSU85-111-42V
3%
3%
85W
1W
TPLSU85-111-43V
3%
3%
85W
1W
TPLSU85-111-44V
3%
3%
85W
1W
TPLSU85-111-45V
3%
3%
85W
1W
TPLSU85-111-46V
3%
3%
85W
1W
TPLSU85-111-47V
3%
3%
85W
1W
TPLSU85-111-48V
3%
3%
85W
1W
TPLSU85-111-49V
3%
3%
85W
1W
TPLSU85-111-50V
40VDC
41VDC
42VDC
43VDC
44VDC
45VDC
46VDC
47VDC
48VDC
49VDC
50VDC
85WLEDPowerSupply
TPLSU85 SERIES
DeratingC rve:
u
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat60°Cto50%
loadat70°C
0%
-20
0
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TheoutputvoltagerangewillfromVoto0.6*VoofeachmodelonC.C.Mode.
InputConnector:SJTW,18AWGx3C(1Ft)
OutputConnector:SJTW,18AWGx2C(1Ft)
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - TPLSU85-108-23V

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPLSU60 TOTAL-POWER-TPLSU60 Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-11V TOTAL-POWER-TPLSU60-105-11V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-12V TOTAL-POWER-TPLSU60-105-12V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-13V TOTAL-POWER-TPLSU60-105-13V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-106-13V TOTAL-POWER-TPLSU60-106-13V Datasheet
156Kb / 2P
   60W LED Power Supply
More results

유사한 설명 - TPLSU85-108-23V

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-85 MEANWELL-RT-85_10 Datasheet
713Kb / 2P
   85W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RQ-85 ASTRODYNE-RQ-85 Datasheet
785Kb / 2P
   85W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85 MEANWELL-RD-85 Datasheet
387Kb / 2P
   85W Dual Output Switching Power Supply
RQ-85 MEANWELL-RQ-85 Datasheet
705Kb / 2P
   85W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ85 ASTRODYNE-RQ85 Datasheet
303Kb / 4P
   85W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-85 TOTAL-POWER-RQ-85 Datasheet
713Kb / 2P
   85W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-85 MEANWELL-RT-85 Datasheet
705Kb / 2P
   85W Triple Output Switching Power Supply
RT-85 MEANWELL-RT-85_11 Datasheet
714Kb / 2P
   85W Triple Output Switching Power Supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com