전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMBU80-105 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMBU80-105
상세설명  80W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU80-105 데이터시트(HTML) 2 Page - Total Power International

  TPMBU80-105 Datasheet HTML 1Page - Total Power International TPMBU80-105 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingCurve:
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
5VDC
7VDC
9VDC
12VDC
15VDC
18VDC
24VDC
30VDC
36VDC
PINCHART
TPMBU80-1XX-12PIN
PIN
MODEL
RTN RTN RTN RTN RTN RTN Vout Vout Vout Vout Vout Vout
1
2
3
4
5
6
7
8
9
10 11 12
TPMBU80-1XX-6PIN
PIN
MODEL
RTN RTN RTN Vout Vout Vout
1
2
3
4
5
6
Note:
1.Dimensionsareshownininchesormm.
2.Weight:300gsapprox.
3.InputconnectormateswithMolexhousing
09-50-3031andMolex2478seriescrimpterminal.
4.Outputconnectormateswithscrewterminal
(TerminalBlock)(16-22AWG)orMolexhousing
09-50-3121andMolex2478seriescrimpterminal.
80WOpenFrameType
TPMBU80 SERIES
MedicalPowerSupplies
TPMBU80-102
TPMBU80-103
TPMBU80-104
TPMBU80-105
TPMBU80-106
TPMBU80-107
TPMBU80-108
TPMBU80-109
TPMBU80-110
14.00 A
11.43 A
8.89 A
6.66 A
5.33 A
4.44 A
3.33 A
2.66 A
2.22 A
5%
5%
4%
3%
3%
3%
2%
2%
2%
70W
80W
80W
80W
80W
80W
80W
80W
80W
(
)
O p t i o n a l
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


유사한 부품 번호 - TPMBU80-105

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU120-102 TOTAL-POWER-TPMBU120-102 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU120-103 TOTAL-POWER-TPMBU120-103 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU120-104 TOTAL-POWER-TPMBU120-104 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU120-105 TOTAL-POWER-TPMBU120-105 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
More results

유사한 설명 - TPMBU80-105

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
logo
MPS Industries, Inc.
MBU80 MPSIND-MBU80 Datasheet
306Kb / 2P
   80W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPIBU-80 TOTAL-POWER-TPIBU-80 Datasheet
287Kb / 2P
   80W Open Frame Type
logo
Vitec Power
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com