전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI52112-B6 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI52112-B6
상세설명  PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-B6 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI52112-B6 Datasheet HTML 1Page - Silicon Laboratories SI52112-B6 Datasheet HTML 2Page - Silicon Laboratories SI52112-B6 Datasheet HTML 3Page - Silicon Laboratories SI52112-B6 Datasheet HTML 4Page - Silicon Laboratories SI52112-B6 Datasheet HTML 5Page - Silicon Laboratories SI52112-B6 Datasheet HTML 6Page - Silicon Laboratories SI52112-B6 Datasheet HTML 7Page - Silicon Laboratories SI52112-B6 Datasheet HTML 8Page - Silicon Laboratories SI52112-B6 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si52112-B5/B6
Rev 1.2
5
Table 3. AC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
45
55
%
CLKIN Rise and Fall Times
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle-to-Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
——
35
µA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
µA
DIFF Clocks
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Skew
TSKEW
Measured at 0 V differential
60
ps
Output Frequency
FOUT
VDD = 3.3 V
100
MHz
Frequency Accuracy
FACC
All output clocks
100
ppm
Slew Rate
tr/f2
Measured differentially from
±150 mV
0.6
4.0
V/ns
Cycle-to-Cycle Jitter
TCCJ
Measured at 0 V differential
28
70
ps
PCIe Gen 1 Pk-Pk Jitter,
Common Clock
Pk-PkGEN1
PCIe Gen 1
—24
86
ps
PCIe Gen 2 Phase Jitter,
Common Clock
RMSGEN2
10 kHz < F < 1.5 MHz
1.35
3.0
ps
1.5 MHz < F < Nyquist
1.4
3.1
ps
PCIe Gen 3 Phase Jitter,
Common Clock
RMSGEN3
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
—0.4
1.0
ps
PCIe Gen 3 Phase Jitter,
Separate Reference No Spread,
SRNS
RMSGEN3_SRNS
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
0.28
0.71
ps
PCIe Gen 4 Phase Jitter,
Common Clock
RMSGEN4
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
—0.4
1.0
ps
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Notes:
1.
Visit www.pcisig.com for complete PCIe specifications.
2.
Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
3.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


유사한 부품 번호 - SI52112-B6

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI52112-B6 SKYWORKS-SI52112-B6 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM2 SKYWORKS-SI52112-B6-GM2 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM2R SKYWORKS-SI52112-B6-GM2R Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM3 SKYWORKS-SI52112-B6-GM3 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM3R SKYWORKS-SI52112-B6-GM3R Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
More results

유사한 설명 - SI52112-B6

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52111-B5 SKYWORKS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
SI52111-B5 SILABS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com