전자부품 데이터시트 검색엔진 |
|
SI52112-B6 데이터시트(PDF) 6 Page - Silicon Laboratories |
|
SI52112-B6 데이터시트(HTML) 6 Page - Silicon Laboratories |
6 / 20 page Si52112-B5/B6 6 Rev 1.2 Spread Range SRNG Down Spread, -B6 only — –0.5 — % Modulation Frequency FMOD -B6 only 30 31.5 33 kHz Enable/Disable and Set-up Clock Stabilization from Power- up TSTABLE —— 3 ms Stopclock Set-up Time TSS 10.0 — — ns Table 4. Thermal Conditions Parameter Symbol Test Condition Min Typ Max Unit Temperature, Storage TS Non-functional –65 — 150 °C Temperature, Operating Ambient TA Functional –40 — 85 °C Temperature, Junction TJ Functional — — 150 °C Dissipation, Junction to Case (TDFN) ØJC JEDEC (JESD 51) — — 38.3 °C/W Dissipation, Junction to Case (TSSOP) ØJC JEDEC (JESD 51) — — 37.0 °C/W Dissipation, Junction to Ambient (TDFN) ØJA JEDEC (JESD 51) — — 90.4 °C/W Dissipation, Junction to Ambient (TSSOP) ØJA JEDEC (JESD 51) — — 124.0 °C/W Table 5. Absolute Maximum Conditions Parameter Symbol Test Condition Min Typ Max Unit Main Supply Voltage VDD_3.3V —— 4.6 V Input Voltage VIN Relative to VSS –0.5 — 4.6 VDC ESD Protection (Human Body Model) ESDHBM JEDEC (JESD 22 - A114) 2000 — — V Flammability Rating UL-94 UL (Class) V–0 Note: While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during powerup. Power supply sequencing is not required. Table 3. AC Electrical Specifications (Continued) Parameter Symbol Test Condition Min Typ Max Unit Notes: 1. Visit www.pcisig.com for complete PCIe specifications. 2. Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5. 3. Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter. |
유사한 부품 번호 - SI52112-B6 |
|
유사한 설명 - SI52112-B6 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |