전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMBU150-105 데이터시트(PDF) 1 Page - Total Power International

부품명 TPMBU150-105
상세설명  150W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU150-105 데이터시트(HTML) 1 Page - Total Power International

  TPMBU150-105 Datasheet HTML 1Page - Total Power International TPMBU150-105 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to260VAC,47to63Hz
InternalEMIfilter
SingleOutput
ActivePowerFactorCorrection
Size:3"x5"x1.44”
ClassI
3yearwarranty
-Medical TouchPanelPC
-PatientMonitoringSystem
-UltrasoundSystem
150WOpenFrameType
TPMBU150 SERIES
MedicalPowerSupplies
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~260VAC
fin
PF
InputFrequency
PowerFactorCorrection
47~63Hz
0.95~1
Po
Vo
Io
Iil
Iih
Ir
OutputPowerRange
Seeratingchart
Seeratingchart
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
2.0A
1.0A
54A (max.)
108A (max.)
82~87%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
OA
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Operating Altitude
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
112~132%
110~150%
2S(max.)
16mS (min.)
0.5~1%
0.15mA (max.)
Upto3000m
1%(max.)
3~5%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
5656VDC (min.)
2121VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
RoHS
2002/95/EC
COMPLIANT
EN 60601-1
IEC 60601-1
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


유사한 부품 번호 - TPMBU150-105

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151-105 TOTAL-POWER-TPMBU151-105 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151-108 TOTAL-POWER-TPMBU151-108 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
More results

유사한 설명 - TPMBU150-105

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
   150W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
   150W Open Frame Power Supply for Medical
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com