전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMBU151 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMBU151
상세설명  150W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU151 데이터시트(HTML) 2 Page - Total Power International

  TPMBU151 Datasheet HTML 1Page - Total Power International TPMBU151 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingCurve:
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.5W
1.5W
PINCHART
TPMBU151-1XX
PIN
MODEL
Vout
Vout Vout Vout
RTN
RTN
RTN
RTN
1
2
3
4
5
6
7
8
Note:
1.Dimensionsareshownininchesormm.
2.Weight:420gsapprox.
3.InputconnectormateswithMolexhousing
09-50-3031andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-50-3081andMolex2478seriescrimpterminal
TPMBU151-105
TPMBU151-108
12VDC
24VDC
12.50 A
6.25 A
5%
3%
150W
150W
P 2
L E D
P 1
1
8
G
N
L
150WOpenFrameType
TPMBU151 SERIES
MedicalPowerSupplies
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - TPMBU151

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU150-105 TOTAL-POWER-TPMBU150-105 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU150-108 TOTAL-POWER-TPMBU150-108 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
More results

유사한 설명 - TPMBU151

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
   150W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
   150W Open Frame Power Supply for Medical
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com