전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMI100-S070143 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMI100-S070143
상세설명  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMI100-S070143 데이터시트(HTML) 2 Page - Total Power International

  TPMI100-S070143 Datasheet HTML 1Page - Total Power International TPMI100-S070143 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 240g (8.11 Oz.)
SINGLE OUTPUT (under 20CFM or 800LFM)
MAIN +VO1 ★@
MODEL NO.
Typ.
Volt.
TPMI100-S033160
16.0A
+3.3 V
TPMI100-S050200
20.0A
+5.0 V
TPMI100-S070143
14.3A
+7.0 V
TPMI100-S090111
11.1A
+9.0 V
TPMI100-S120075
7.5A
+12.0 V
TPMI100-S150060
6.0A
+15.0 V
TPMI100-S180050
5.0A
+18.0 V
TPMI100-S240041
4.1A
+24.0 V
TPMI100-S330030
3.0A
+33.0 V
TPMI100-S480021
2.1A
+48.0 V
DUAL OUTPUT (under 20CFM or 800LFM)
MAIN +VO1 ★@
AUX. +VO2@
MODEL NO.
Typ.
Volt.
Typ.
Volt.
TPMI100-D050I
12.0A
+ 5.0V
3.0A
+12.0V
TPMI100-D050K
12.0A
+5.0V
3.0A
+15.0V
Symbol: "★
" OVP built-in
"@" Adjustable
TRIPLE OUTPUT (under 20CFM or 800LFM)
MAIN +VO1 ★@
AUX. +VO2@
AUX. +/-VO3
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
TPMI100-T033EI
8.0A
+3.3V
7.0A
+5.0 V
0.8A
+12.0 V
TPMI100-T050DI
8.0A
+5.0V
6.0A
+3.3 V
0.8A
+12.0 V
TPMI100-T050II
10.0A
+5.0V
3.0A
+12.0 V
0.8A
-12.0 V
TPMI100-T050IE
10.0A
+5.0V
3.0A
+12.0 V
0.8A
-5.0 V
TPMI100-T050KK
10.0A
+5.0V
2.5A
+15.0 V
0.8A
-15.0 V
TPMI100-T050KE
10.0A
+5.0V
3.0A
+15.0 V
0.8A
- 5.0 V
TPMI100-T050MI
10.0A
+5.0V
1.5A
+24.0 V
0.8A
-12.0 V
QUAD OUTPUT (under 20CFM or 800LFM)
MAIN +VO1 ★@
AUX. +VO2@
AUX. VO3
AUX. +VO4
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
TPMI100-Q033EII
7.0A
+3.3V
8.0A
+5.0 V
0.5A
+12.0V
0.5A
-12.0 V
TPMI100-Q050DII
8.0A
+5.0V
7.0A
+3.3 V
0.5A
+12.0V
0.5A
-12.0 V
TPMI100-Q050IIE
10.0A
+5.0V
3.0A
+12.0 V
0.8A
-12.0V
0.5A
-5.0 V
TPMI100-Q050KKE
10.0A
+5.0V
3.0A
+15.0 V
0.8A
-15.0V
0.5A
-5.0 V
TPMI100-Q050MII
10.0A
+5.0V
1.5A
+24.0 V
0.8A
+12.0V
0.5A
-12.0 V
TPMI100-Q050MKK
10.0A
+5.0V
1.5A
+24.0 V
0.8A
+15.0V
0.5A
-15.0 V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE
DUAL
TRIPLE
QUAD
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC
COM
VO1
VO2
DC
COM
VO1
VO2
VO3
DC
COM
VO1
VO2
VO3
VO4
DC
COM
CNTR/PIN#
P1-L
P1-N
G
P2-1,2
P2-3,4
P2-5,6
P2-7,8
P2-1,2
P2-3,4
P2-9,10
P2-5,6
P2-7,8
P2-1,2
P2-3,4
P2-9,10 P2-12
P2-5,6
P2-7,8
P2-1,2
P2-3,4
P2-9,10 P2-11
P2-12
P2-5,6
P2-7,8
Mating connector: P1,2 Molex # 5195 or 5239 series.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


유사한 부품 번호 - TPMI100-S070143

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D033I TOTAL-POWER-TPMI19-D033I Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D033M TOTAL-POWER-TPMI19-D033M Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D050I TOTAL-POWER-TPMI19-D050I Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D050M TOTAL-POWER-TPMI19-D050M Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

유사한 설명 - TPMI100-S070143

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com