전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMPU31-110 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMPU31-110
상세설명  30W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU31-110 데이터시트(HTML) 2 Page - Total Power International

  TPMPU31-110 Datasheet HTML 1Page - Total Power International TPMPU31-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DeratingC rve:
u
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:400~460gsapprox.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPMPU31-102
TPMPU31-101
TPMPU31-103
TPMPU31-104
TPMPU31-105
TPMPU31-106
TPMPU31-107
TPMPU31-108
TPMPU31-109
TPMPU31-110
MPU15C-110
5~6VDC
3~5VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
6.66~4.00 A
5.00~4.16 A
4.16~3.12 A
3.75~2.72 A
2.72~2.30 A
2.30~1.87 A
1.87~1.42 A
1.42~1.11 A
1.11~0.90 A
0.90~0.75 A
30WDeskTopType
TPMPU31 SERIES
MedicalPowerSupplies
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
5%
5%
4%
3%
3%
3%
2%
2%
2%
7%
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
25W
25W
30W
30W
30W
3 W
0
3 W
0
3 W
0
3 W
0
20W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
TPMPU31-200
TPMPU31-201
TPMPU31-202
TPMPU31-203
TPMPU31-204
TPMPU31-209
TPMPU31-210
TPMPU31-215
TPMPU31-302
TPMPU31-303
TPMPU31-304
TPMPU31-305
TPMPU31-306
TPMPU31-301
+3.3V
+3.3V
+12V
+15V
+5V
+5V
+5V
+5V
+3.3V
+5V
+5V
+5V
+5V
+5V
0.30A
0.30A
0.30A
0.30A
0.30A
0.
A
20
0.30A
0.30A
0.15A
0.25A
0.25A
0.25A
0.30A
0.30A
3.0A
3.0A
3.0A
3.0A
3.0A
2.0A
1.5A
3.0A
3.0A
2.5A
2.5A
2.5A
3.0A
3.0A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
5%
+12V
+12V
+15V
+24V
+5V
+12V
+15V
+24V
+24V
+12V
+12V
0.13A
0.
A
10
0.
A
07
0.16A
0.13A
0.
A
10
0.
A
10
0.
A
10
0.
A
10
0.11A
0.11A
1.3A
1.3A
1.0A
0.7A
1.6A
1.1A
1.0A
1.0A
1.0A
1.0A
1.1A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-15V
-24V
-12V
-5V
-5V
0
A
.05
0
A
.05
0
A
.05
0
A
.05
0
A
.05
0
A
.05
0
A
.05
0
A
.05
0
A
.10
0.5A
0.5A
1 A
.0
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
10%
10%
10%
10%
10%
10%
10%
10%
10%
25W
30W
30W
30W
17.9W
30W
30W
30W
30W
30W
30W
30W
25W
25W
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
3W
TPMPU31-101~104arerequiredtouse AWG#16/4FT outputcable.
TPMPU31-105~108arerequiredtouse AWG#18/6FT outputcable.
TPMPU31-109~110arerequiredtouse AWG#20/6FT outputcable.
Theregulationand efficiencywillbechangedbymodifiedoutputcable.
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


유사한 부품 번호 - TPMPU31-110

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-102 TOTAL-POWER-TPMPU101-102 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-103 TOTAL-POWER-TPMPU101-103 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-104 TOTAL-POWER-TPMPU101-104 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-105 TOTAL-POWER-TPMPU101-105 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
More results

유사한 설명 - TPMPU31-110

제조업체부품명데이터시트상세설명
logo
MPS Industries, Inc.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
   30W Desk top type medical power supplies for health care applications
logo
Total Power Internation...
TPSPU31 TOTAL-POWER-TPSPU31 Datasheet
287Kb / 2P
   30W Desk Top I.T.E. Power Supplies
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com