전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53360 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 SI53360
상세설명  1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53360 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button SI53360 Datasheet HTML 3Page - Silicon Laboratories SI53360 Datasheet HTML 4Page - Silicon Laboratories SI53360 Datasheet HTML 5Page - Silicon Laboratories SI53360 Datasheet HTML 6Page - Silicon Laboratories SI53360 Datasheet HTML 7Page - Silicon Laboratories SI53360 Datasheet HTML 8Page - Silicon Laboratories SI53360 Datasheet HTML 9Page - Silicon Laboratories SI53360 Datasheet HTML 10Page - Silicon Laboratories SI53360 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Si53360
Rev. 1.1
7
2.3. Output Clock Termination Options
The recommended output clock termination options are shown below. Unused output clocks should be left floating.
Figure 2. LVCMOS Output Termination
2.4. AC Timing Waveforms
Figure 3. AC Waveforms
50
Rs
Si533xx
CMOS Driver
Zout
CMOS
Receivers
Zo
Note:
Rs = 33
 for 3.3 V and 2.5 V operation.
Rs = 0
 for 1.8 V operation.
QN
QM
TSK
TSK
TPLH
TR
TF
Q
Q
CLK
Q
TPHL
Output-Output Skew
Propagation Delay
Rise/Fall Time
VPP/2
VPP/2
VPP/2
VPP/2
20% VPP
80% VPP
80% VPP
20% VPP


유사한 부품 번호 - SI53360

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53360 SKYWORKS-SI53360 Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
SI53360-B-GT SKYWORKS-SI53360-B-GT Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

유사한 설명 - SI53360

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com