전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53360 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI53360
상세설명  1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53360 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI53360 Datasheet HTML 1Page - Silicon Laboratories SI53360 Datasheet HTML 2Page - Silicon Laboratories SI53360 Datasheet HTML 3Page - Silicon Laboratories SI53360 Datasheet HTML 4Page - Silicon Laboratories SI53360 Datasheet HTML 5Page - Silicon Laboratories SI53360 Datasheet HTML 6Page - Silicon Laboratories SI53360 Datasheet HTML 7Page - Silicon Laboratories SI53360 Datasheet HTML 8Page - Silicon Laboratories SI53360 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Si53360
4
Rev. 1.1
Table 5. AC Characteristics
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Frequency
F
LVCMOS
dc
200
MHz
Duty Cycle
Note:
50% input duty
cycle.
DC
200 MHz, 50
toVDD/220/80%
TR/TF<10% of period
40
50
60
%
Minimum Input Clock
Slew Rate
SR
Required to meet prop delay and
additive jitter specifications
(20–80%)
0.75
V/ns
Output Rise/Fall Time
TR/TF
200 MHz, 50
20/80%,
2 pF load, 12 mA drive strength
——
850
ps
Minimum Input Pulse
Width
TW
2—
ns
Additive Jitter
(12 kHz - 20 MHz)
J3.3 V, 200 MHz,
Vin=1.7VPP @ 1 V/ns
130
180
fs-rms
3.3 V, 156.25 MHz,
Vin = 2.18 VPP @ 1 V/ns
125
220
fs-rms
2.5V, 200 MHz,
Vin=1.7VPP @ 1 V/ns
115
250
fs-rms
2.5 V, 156.25 MHz,
Vin = 2.18 VPP @ 1 V/ns
125
240
fs-rms
Propagation Delay
TPLH,
TPHL
Low-to-high, high-to-low
Single-ended
CL =2pF
1.5
3.0
4.5
ns
Output Enable Time
TEN
F=1MHz
10
ns
F = 100 MHz
10
ns
Output Disable Time
TDIS
F=1MHz
20
ns
F = 100 MHz
20
ns
Part to Part Skew
TSKPP
CL = 2 pF
0
300
ps
Output to Output
Skew
TSK
CL =2pF
20
80
ps


유사한 부품 번호 - SI53360

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53360 SKYWORKS-SI53360 Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
SI53360-B-GT SKYWORKS-SI53360-B-GT Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

유사한 설명 - SI53360

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com