전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP111VFR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP111VFR
상세설명  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111VFR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDCLVP111VFR Datasheet HTML 7Page - Texas Instruments CDCLVP111VFR Datasheet HTML 8Page - Texas Instruments CDCLVP111VFR Datasheet HTML 9Page - Texas Instruments CDCLVP111VFR Datasheet HTML 10Page - Texas Instruments CDCLVP111VFR Datasheet HTML 11Page - Texas Instruments CDCLVP111VFR Datasheet HTML 12Page - Texas Instruments CDCLVP111VFR Datasheet HTML 13Page - Texas Instruments CDCLVP111VFR Datasheet HTML 14Page - Texas Instruments CDCLVP111VFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CLK_SEL
VBB
30
31
29
28
27
26
23
22
24
21
20
19
18
17
15
14
13
12
11
10
5
CLK0
CLK0
CLK1
CLK1
0
1
3
4
6
7
2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q0
Q1
Q2
Q3
Q4
Q5
Q7
Q6
Q9
Q8
+
+
-
-
-
-
-
CDCLVP111
www.ti.com
SCAS859F – JANUARY 2009 – REVISED JUNE 2015
8 Detailed Description
8.1 Overview
The CDCLVP111 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are required
to ensure correct operation of the device and to minimize signal integrity. The proper termination for LVPECL
outputs is a 50
Ω to (VCC –2) V, but this DC voltage is not readily available on PCB. Therefore, a Thevenin
equivalent circuit is worked out for the LVPECL termination in both direct-coupled (DC) and AC-coupled
configurations. These configurations are shown in Figure 8 (a and b) for VCC = 2.5 V and Figure 9 (a and b) for
VCC = 3.3 V, respectively. TI recommends to place all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, AC coupling is required.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCLVP111 is a low-additive jitter universal to LVPECL fan out buffer with 2 selectable inputs. The small
package, low-output skew, and low-additive jitter make for a flexible device in demanding applications.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCLVP111


유사한 부품 번호 - CDCLVP111VFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111VFR TI-CDCLVP111VFR Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

유사한 설명 - CDCLVP111VFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com