전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF2040R 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BF2040R
상세설명  Silicon N-Channel MOSFET Tetrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF2040R 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BF2040R Datasheet HTML 1Page - Infineon Technologies AG BF2040R Datasheet HTML 2Page - Infineon Technologies AG BF2040R Datasheet HTML 3Page - Infineon Technologies AG BF2040R Datasheet HTML 4Page - Infineon Technologies AG BF2040R Datasheet HTML 5Page - Infineon Technologies AG BF2040R Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb-25-2004
4
BF2040...
Total power dissipation Ptot = ƒ(TS)
BF2040, BFD2040R
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mW
220
Total power dissipation Ptot = ƒ(TS)
BF2040W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Drain current ID = ƒ(IG1)
VG2S = 4V
0
10
20
30
40
50
60
70
µA
90
IG1
0
2
4
6
8
10
12
14
16
18
20
22
24
mA
28
Output characteristics ID = ƒ(VDS)
VG2S = 4 V
VG1S = Parameter
0
1
2
3
4
5
6
7
8
V
10
VDS
0
2
4
6
8
10
12
14
16
18
20
22
mA
26
1.2V
1.3V
1.4V
1.1V
1V


유사한 부품 번호 - BF2040R

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF2040R INFINEON-BF2040R Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
More results

유사한 설명 - BF2040R

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com