전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM7005ZVAT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM7005ZVAT
상세설명  3.3-V High Performance Clock Synchronizer and Jitter Cleaner
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005ZVAT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CDCM7005ZVAT Datasheet HTML 6Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 7Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 8Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 9Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 10Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 11Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 12Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 13Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
CDCM7005
SCAS793F – JUNE 2005 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
High-impedance state output current for PLL
IOZH LOCK
VO = 3.6 V (PD is set low)
45
65
µA
LOCK output(8)
High-impedance state output current for PLL
IOZL LOCK
VO = 0 V (PD is set low)
±5
µA
LOCK output(8)
VIT+
Positive input threshold voltage
VCC = min to max
VCC×0.55
V
VIT–
Negative input threshold voltage
VCC = min to max
VCC×0.35
V
PHASE DETECTOR
fCPmax
Maximum charge pump frequency
Default PFD pulse width delay
100
MHz
CHARGE PUMP
ICP
Charge pump sink/source current range (9)
VCP = 0.5 VCC_CP
±0.2
±3
mA
ICP3St
Charge pump 3-state current
0.5 V < VCP < VCC_CP – 0.5 V
10
nA
VCP = 0.5 VCC_CP, internal reference resistor, SPI
10%
default settings
ICPA
ICP absolute accuracy
VCP = 0.5 VCC_CP, external reference resistor 12 kΩ
5%
(1%) at I_REF_CP, SPI default settings
ICPM
Sink/source current matching
0.5 V < VCP < VCC_CP – 0.5 V, SPI default settings
2.5%
IVCPM
ICP vs VCP matching
0.5 V < VCP < VCC_CP – 0.5 V
5%
(8)
Lock output has an 80-k
Ω pulldown resistor.
(9)
Defined by SPI settings.
7.6 Timing Requirements
over recommended ranges of supply voltage, load and operating free air temperature
MIN
NOM
MAX
UNIT
PRI_REF/SEC_REF_IN REQUIREMENTS
fREF_IN
LVCMOS primary or secondary reference clock frequency(1) (2)
0
200
MHz
tr/ tf
Rise and fall time of PRI_REF or SEC_REF signals from 20% to 80% of VCC
4
ns
dutyREF
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
60%
VCXO_IN, VCXO_IN REQUIREMENTS
fVCXO_IN
VCXO clock frequency(3)
0
2200
MHz
tr/ tf
Rise and fall time 20% to 80% of VINPP at 80 MHz to 800 MHz(4)
3
ns
dutyVCXO
Duty cycle of VCXO clock
40%
60%
SPI/CONTROL REQUIREMENTS (see Figure 23)
fCTRL_CLK
CTRL_CLK frequency
20
MHz
tsu1
CTRL_DATA to CTRL_CLK setup time
10
ns
th2
CTRL_DATA to CTRL_CLK hold time
10
ns
t3
CTRL_CLK high duration
25
ns
t4
CTRL_CLK low duration
25
ns
tsu5
CTRL_LE to CTRL_CLK setup time
10
ns
tsu6
CTRL_CLK to CTRL_LE setup time
10
ns
t7
CTRL_LE pulse width
20
ns
tr/ tf
Rise and fall time of CTRL_DATA CTRL_CLK, CTRL_LE from 20% to 80% of VCC
4
ns
PD, RESET, HOLD, REF_SEL REQUIREMENTS
tr / tf
Rise and fall time of the PD, RESET, HOLD, REF_SEL signal from 20% to 80% of VCC
4
ns
(1)
At Reference Clock less than 2 MHz, the device stays in normal operation mode but the frequency detection circuitry resets the
STATUS_REF signal to low. In this case, the status of the STATUS_REF is no longer relevant.
(2)
fREF_IN can be up to 250 MHz in typical operating mode (25°C / 3.3-V VCC).
(3)
If the Feedback Clock (derives from VCXO input) is less than 2 MHz, the device stays in normal operation mode but the frequency
detection circuitry resets the STATUS_VCXO signal and PLL_LOCK signal to low. Both status signals are no longer relevant. This
effects the HOLD-over function as well, as the PLL_LOCK signal is no longer valid!
(4)
Use a square wave for lower frequencies (< 80 MHz).
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: CDCM7005


유사한 부품 번호 - CDCM7005ZVAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

유사한 설명 - CDCM7005ZVAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com