전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP04NZ 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SL23EP04NZ
상세설명  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04NZ 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SL23EP04NZ Datasheet HTML 3Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 4Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 5Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 6Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 7Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 8Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 9Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 10Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev 2.1, May 2, 2008
Page 10 of 11
SL23EP04NZ
8-Pin TSSOP (4.4 mm)
1
4
8
5
6.250(0.246)
6.500(0.256)
4.300(0.169)
4.500(0.177)
2.900(0.114)
3.100(0.122)
0.850(0.033)
0.950(0.037)
0.190(0.007)
0.300(0.012)
0.650(0.025)
BSC
0.050(0.002)
0.150(0.006)
1.100(0.043) MAX
0.076(0.003)
0 to 8°
0.500(0.020)
0.700(0.027)
0.250(0.010)
BSC
Gauge
Plane
0.090(0.003)
0.200(0.008)
Dimensions are in milimeters(inches).
Top line: (MIN) and Bottom line: (Max)
Pin-1 ID
Seating Plane
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
θ JA
Still air
-
110
-
°C/W
θ JA
1m/s air flow
-
100
-
°C/W
θ JA
3m/s air flow
-
80
-
°C/W
Thermal Resistance
Junction to Case
θ JC
Independent of air flow
-
35
-
°C/W
Ordering Information
[1]
Ordering Number
Marking
Shipping
Package
Package
Temperature


유사한 부품 번호 - SL23EP04NZ

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1T SPECTRALINEAR-SL23EP04NZZC-1T Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1Z SPECTRALINEAR-SL23EP04NZZC-1Z Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1ZT SPECTRALINEAR-SL23EP04NZZC-1ZT Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

유사한 설명 - SL23EP04NZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com